Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS140050 Datasheet(PDF) 1 Page - Superworld Electronics

Part # WS140050
Description  Linear Adaptors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WS140050 Datasheet(HTML) 1 Page - Superworld Electronics

  WS140050 Datasheet HTML 1Page - Superworld Electronics WS140050 Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION FOR APPROVAL
Product Name
Linear Adaptors
Page
Superworld Part No:
WS Series
Rev No
Features
1.Ergonomic Design
2.Region Specific Modeles
3.High Qquality Control
4.AC/AC , AC/DC unregulated models
5.Type Wall - Mount
6.Electrical Characteristics : AT 25 deg
7.Operation Temperature : 0 deg ~ 40 deg
8.Storage Temperature : - 40 deg ~ 80 deg
9.Power AC~AC 0.15VA to 1.8VA
AC~DC 0.15VA to 1.5VA
Safetys
1.Regions: Japan - PSE,USA - UL/CUL
2.Standards:UL1310,CSA22.2,
Applications
1.Low Energy AC/DC Power Supply .
2.IT Equipment .
3.Chargers .
Demensions for reference :
SUPERWORLD ELECTRONICS (S) PTE LTD
America 120VAC / 60Hz
Japan
100VAC / 50/60Hz
Input ( Region Specific)


Similar Part No. - WS140050

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
WS1403 AVAGO-WS1403 Datasheet
390Kb / 15P
   CDMA PCS 3x3 Power Amplifier Module
WS1403-BLK AVAGO-WS1403-BLK Datasheet
390Kb / 15P
   CDMA PCS 3x3 Power Amplifier Module
WS1403-TR1 AVAGO-WS1403-TR1 Datasheet
390Kb / 15P
   CDMA PCS 3x3 Power Amplifier Module
More results

Similar Description - WS140050

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WH030100 SUPERWORLD-WH030100 Datasheet
140Kb / 3P
   Linear Adaptors
WW030500 SUPERWORLD-WW030500 Datasheet
161Kb / 4P
   Linear Adaptors
WK060700 SUPERWORLD-WK060700 Datasheet
158Kb / 4P
   Linear Adaptors
logo
Assmann Electronics Inc...
IEEE1394 ASSMANN-IEEE1394 Datasheet
108Kb / 1P
   USB Adaptors, IEEE 1394 Cables and Adaptors
logo
Allen-Bradley
440T-MSGAU10 ALLEN-BRADLEY-440T-MSGAU10 Datasheet
105Kb / 2P
   Switchgear Adaptors
logo
Molex Electronics Ltd.
1210010231 MOLEX-1210010231 Datasheet
213Kb / 3P
   MPM A06 ADAPTORS
2009/05/05
logo
List of Unclassifed Man...
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
   Plugs and Adaptors
logo
Molex Electronics Ltd.
1210010234 MOLEX-1210010234 Datasheet
213Kb / 3P
   MPM A06 ADAPTORS
2009/05/05
1210010220 MOLEX-1210010220 Datasheet
213Kb / 3P
   MPM A06 ADAPTORS
2009/05/05
1210010262 MOLEX-1210010262 Datasheet
136Kb / 2P
   MPM A07 ADAPTORS
2009/05/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com