Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIB1020 Datasheet(PDF) 1 Page - Superworld Electronics

Part # AIB1020
Description  AXIAL FIXED INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

AIB1020 Datasheet(HTML) 1 Page - Superworld Electronics

  AIB1020 Datasheet HTML 1Page - Superworld Electronics AIB1020 Datasheet HTML 2Page - Superworld Electronics AIB1020 Datasheet HTML 3Page - Superworld Electronics AIB1020 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A I B 1 0 2 0 1 0 0 K Z F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 100 = 10uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(c) Lead : Tinned Copper Wire
(d) Tube : Shrinkable Tube
3. SCHEMATIC :
(d) Tolerance code : K = ±10%
(e) X, Y, Z : Standard part
5. GENERAL SPECIFICATION :
d) Operating temp. : -40°C to +80°C
c) Storage temp. : -40°C to +125°C
b) Temp. rise : 45°C max. at rated current
a) The inductance drop at rated current is 10% max.
AIB1020 SERIES
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
18.04.2008
10.0 Max.
25.0±5.0
3.0 Max.
BC
E
20.00 Max.
(b) Wire : Enamelled Copper Wire
Unit:m/m
ØW
0.65±0.10
C
ØA
E
B
ØA
d
b
a
c
AXIAL FIXED INDUCTORS
(f)
(f) F : Lead Free


Similar Part No. - AIB1020

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
AIB1020100KZF SUPERWORLD-AIB1020100KZF Datasheet
292Kb / 4P
   AXIAL FIXED INDUCTORS
AIB1020101KZF SUPERWORLD-AIB1020101KZF Datasheet
292Kb / 4P
   AXIAL FIXED INDUCTORS
AIB1020102KZF SUPERWORLD-AIB1020102KZF Datasheet
292Kb / 4P
   AXIAL FIXED INDUCTORS
AIB1020250KZF SUPERWORLD-AIB1020250KZF Datasheet
292Kb / 4P
   AXIAL FIXED INDUCTORS
AIB1020251KZF SUPERWORLD-AIB1020251KZF Datasheet
292Kb / 4P
   AXIAL FIXED INDUCTORS
More results

Similar Description - AIB1020

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
AIB0618100KZF SUPERWORLD-AIB0618100KZF Datasheet
292Kb / 4P
   AXIAL FIXED INDUCTORS
AIB0618 SUPERWORLD-AIB0618 Datasheet
589Kb / 4P
   AXIAL FIXED INDUCTORS
AIB1020100KZF SUPERWORLD-AIB1020100KZF Datasheet
292Kb / 4P
   AXIAL FIXED INDUCTORS
logo
Semikron International
AIB0618100KZF SEMIKRON-AIB0618100KZF Datasheet
584Kb / 4P
   AXIAL FIXED INDUCTORS
logo
Superworld Electronics
AIB1226 SUPERWORLD-AIB1226 Datasheet
590Kb / 4P
   AXIAL FIXED INDUCTORS
AIB1226100KZF SUPERWORLD-AIB1226100KZF Datasheet
291Kb / 4P
   AXIAL FIXED INDUCTORS
logo
Bel Fuse Inc.
SFAPI BEL-SFAPI Datasheet
1Mb / 6P
   Fixed Axial Power Inductors
Dec 16 2022
logo
XFMRS Inc.
ALXF1707-222K XFMRS-ALXF1707-222K Datasheet
41Kb / 1P
   Axial Fixed Inductor
ALXFNR0410 XFMRS-ALXFNR0410 Datasheet
33Kb / 1P
   FIXED INDUCTORS
ALXFNR0410 XFMRS-ALXFNR0410_15 Datasheet
33Kb / 1P
   FIXED INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com