Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7P20-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7P20-TN3-R
Description  200V P-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7P20-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  7P20-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7P20-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7P20-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7P20-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7P20-TN3-R Datasheet HTML 5Page - Unisonic Technologies 7P20-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7P20
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-288.a
TEST CIRCUITS AND WAVEFORMS
L
VDD
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Compliment of D.U.T.
(N-Channel)
Fig. 1B Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 7P20-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
List of Unclassifed Man...
7P202V330A082 ETC2-7P202V330A082 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
logo
Cornell Dubilier Electr...
7P202V330A082 CDE-7P202V330A082 Datasheet
186Kb / 2P
   Type 7P 55 째C Photoflash, High-Energy, Long Life, Aluminum
7P202V330A082 CDE-7P202V330A082 Datasheet
303Kb / 3P
   High Energy, Long-Life, Snapmount or Solder-Lug Terminals
logo
List of Unclassifed Man...
7P202V360N082 ETC2-7P202V360N082 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
More results

Similar Description - 7P20-TN3-R

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
logo
Fairchild Semiconductor
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
   200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
   200V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com