Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A701 Datasheet(PDF) 1 Page - ADDtek Corp

Part # A701
Description  6 CHANNELS ADJUSTABLE CONSTANT CURRENT LED DRIVER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

A701 Datasheet(HTML) 1 Page - ADDtek Corp

  A701 Datasheet HTML 1Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.addmtek.com
Copyright
© 2008 ADDtek Corp.
1
DD082_A -- JUNE 2008
A701/2
6 CHANNELS ADJUSTABLE
CONSTANT CURRENT LED DRIVER
DESCRIPTION
FEATURES
6 constant-current output channels
Output current deviations: ±3% between channels,
±7% between ICs.
Output current programmable through external
resistor.
Constant output current range: 5mA~40mA
Wide supply voltage range: 6V~50V (A702)
75V output sustaining voltage
1uA Shut-down current
2 kinds of control logic for Output Enable pin
APPLICATIONS
A701/2 are adjustable constant current drivers for
LED applications. Six regulated current ports are
designed to provide uniform and pure DC constant
current sinks for driving LEDs within a large range VF
variation.
A701/2 provide users 6-channel constant current
ports to match LEDs with equal current. Users may
program the output current from 5mA to 40mA through
an external resistor, RSET, which gives user flexibility in
controlling the light intensity of LEDs.
Two kinds of control logic, active high and active
low, for Output Enable pin (OE/OE pin) are provided for
user’s varies applications. It could precisely adjust LED
brightness from 0% to 100% via OE/OE pin with Pulse
Width Modulation signal.
The thermal protection function protects IC from
over temperature (150°C) damage. Also, the thermal pad
enhances the package power dissipation.
Automotive Interior Lighting
Channel Letter, Indoor Lighting
LED Backlight Driver for MP3, MP4, Mobile
Phone, Portable DVD, NB, and LCD TV.
TYPICAL APPLICATION CIRCUIT
PACKAGE PIN OUT
Turn ON/OFF
A701/A702
STD
OUT 2
VDD
GND
OUT1
OUT 3
CIN
OUT 4
OUT 5 OUT 6
ISET
RSET
PWM Dimming
OE/OE
CLED
VLED
VDD
7
6
1
2
3
10
9
8
ISET
OE/OE
VDD
OUT6
GND
MSOP-EP-10 Pin
(Top View)
OUT1
4
5
OUT3
OUT2
OUT4
OUT5
16
15
14
13
1
2
3
4
12
11
10
9
5
6
7
8
NC
QFN 3mm x 3mm
(Top View)
OUT1
OUT2
OUT4
OUT5
OUT6
ISET
STD
ORDER INFORMATION
MSOP-EP
QFN 3x3
VDD Range
OE
_____
/OE Pin Logic
G
10 pin
J
16 pin
2.9V~ 6V
Low Enable
A701GFT
A701JGT
High Enable
A702GFT-HE
A702JGT-HE
6V~ 50V
Low Enable
A702GFT
A702JGT
Package Process. F: Lead Free; G: Green
Packing.
T: Tape & Reel
Part Number
:
A 7 0 1 □ □ □
A 7 0 2 □ □ □- H E
Note:
Package Type.
G: MSOP-EP; J: QFN-3×3
EN Pin Logic.
HE: High Enable


Similar Part No. - A701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A701 ETC-A701 Datasheet
217Kb / 10P
   A701: Test slide, various cancers plus corresponding normal
More results

Similar Description - A701

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3230 ISSI-IS31BL3230 Datasheet
300Kb / 9P
   8 CHANNELS CONSTANT CURRENT LED DRIVER
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
   Four Channels Constant Current LED Driver
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
   Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
   Adjustable Constant Current LED Driver
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
   LED constant current adjustable driver
logo
ON Semiconductor
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
   Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com