Electronic Components Datasheet Search |
|
SPC-GB-XD-39CNA Datasheet(PDF) 2 Page - Source Photonics, Inc. |
|
SPC-GB-XD-39CNA Datasheet(HTML) 2 Page - Source Photonics, Inc. |
2 / 8 page 2 Industrial Temperature 50 km CWDM GbE SFP Transceiver SPC-GB-XD-xx 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS1540-Apr2208 Rev A.1 LUMINENTOIC.COM Parameter Symbol Min Typical Max Unit Input Differential Impedence Rin 80 100 120 Ω PECL Single Ended Data Input Swing Vin,p-p 250 - 1200 mV TxFault_Fault Vfault 2 - Vcc V TxFault_Normal Vnormal Vee - Vee+0.5 V TxDisable_Disable Vd 2 - Vcc V TxDisable_Enable Ven Vee - Vee+0.8 V Transmitter Specifications (Electical) Parameter Symbol Min Typical Max Unit Receive Power Lowf Rsens,low - -26 -24 dBm Receive Power Highf Rsens,high -3 0 - dBm Damage Threshold For Receiver Pin,damage 6 - - dBm Wavelength λ 1200 - 1625 nm Reflection tolerance RX_r - - -12 dB LOS Assert -34 - - dBm LOS De-assert - - -24 dBm LOS Hysteresis 0.5 - - dB f) at 10-12 BER,27 -1 PRBS,nominal wavelength Receiver Specifications Parameter Symbol Min Typical Max Unit PECL Single Ended Data Output Swing Vout, p-p 185 - 800 mV Data Output Rise Time tr - - 320 ps Data Output Fall Time tf - - 320 ps Electrical Output Parameter Symbol Min Typical Max Unit Tx Disable Negate Time t_on - - 1 ms Tx Disable Assert Time t_off - - 10 µs Initial Turn-on Time after power-up t_power-up - TBD 60 sec Time To Initialize, Including Reset Of Tx Fault t_init - - 300 ms Tx Fault Assert Time t_fault - - 100 µs Tx Disable To Reset t_reset 10 - - µs LOS Assert Time t_loss_on - - 100 µs LOS De-assert Time t_loss_off - - 100 µs Serial ID Clock Rate f_serial_clock 2 - 100 KHz RX_LOS Voltage (High) 2 - Vcc V RX_LOS Voltage (Low) - - 0.8 V Receiver Jitter Deterministic JD, receive - - 170 ps Receiver Jitter Random JR, receive - - 96 ps MOD_DEF (0:2)-High VH 2 - Vcc V MOD_DEF (0:2)-Low VL Vee - Vee+0.5 V LOS Output Voltage-Fault VLOS fault 2 - Vcc V LOS Output Voltage-Normal VLOSnormal Vee - Vee+0.55 V Timing and Electrical |
Similar Part No. - SPC-GB-XD-39CNA |
|
Similar Description - SPC-GB-XD-39CNA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |