Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9423T-FGHIG Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # FTM-9423T-FGHIG
Description  SFF GPON ONT Diplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9423T-FGHIG Datasheet(HTML) 1 Page - Source Photonics, Inc.

  FTM-9423T-FGHIG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9423T-FGHIG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9423T-FGHIG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9423T-FGHIG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9423T-FGHIG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9423T-FGHIG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9423T-FGHIG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9423T-FGHIG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9423T-FGHIG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 1 of 17
Features
Single
fiber
bi-directional
data
links
with
asymmetric 1244Mbit/s upstream and 2488Mbit/s
downstream
Integrated with micro-optics WDM filter for dual
wavelength Tx/Rx operation at 1310/1490nm
Burst mode operation transmitter with 1310nm
DFB laser
Power levelling mechanism(for 2×10 SFF)
Continuous mode operation receiver with 1490nm
high sensitivity APD-TIA with 1550nm optical
signal rejection
Different operating case temperature class
0 to 70℃ Standard Class
-40 to 85℃ Industrial Class
2×5 and 2×10 SFF package
SC/UPC or SC/APC connector
Single 3.3V power supply
LVPECL data input interface and CML data output
interface
LVTTL transmitter burst-mode control
LVTTL receiver signal-detected indication
Low EMI and excellent ESD protection
Class I laser safety standard IEC-60825 compliant
Applications
Gigabit-capable Passive Optical Networks(GPON)
ONT with video-overlay
Standard
Compliant with ITU-T G.984.2, G.984.2 Amendment 1
Compliant with FCC 47 CFR Part 15, Class B
Compliant with FDA 21 CFR 1040.10 and 1040.11,
Class I
Description
FTM-9423P(T)-K(F)GH(i)G is Optical Network Terminal
(ONT) diplexer for 1244/2488M Class B+ application in
ITU-T Rec.G.984.2 and G.984.2 Amendment 1.
The diplexers are the high performance modules for
1244/2488M data link in single fiber by using 1310nm
burst mode transmitter and 1490nm continuous mode
receiver with 1550nm optical signal rejection.
The transmitter section uses a multiple quantum well
1310nm DFB laser, which is ClassⅠlaser compliant
product according to international safety standard
IEC-60825. The receiver section uses an integrated
1490nm APD and preamplifier mounted in an optical
header and limiting post-amplifier IC.
The optical burst output can be enabled by a LVTTL
logic high-level input of TX_BRST. Signal Detected (SD)
output is provided to indicate the detection of an input
optical signal of receiver.
The
Digital
diagnostic
monitoring
interface
is
incorporated into the 2×10 SFF transceivers and allows
real time access to the transceiver operating parameters
such as power supply, operating temperature, laser bias
current, receiver optical power by reading a built-in
memory with I
2C interface.
(ITU-T Rec.G.984.2)
May 15, 2007
Members of Flexon
TM Family
SFF GPON ONT Diplexer
FTM-9423P(T)-K(F)GH(i)G


Similar Part No. - FTM-9423T-FGHIG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
FTM-9423P-F10DCG SOURCE-FTM-9423P-F10DCG Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
More results

Similar Description - FTM-9423T-FGHIG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
   GPON ONT Triplexer
logo
List of Unclassifed Man...
ODP-34-PE ETC2-ODP-34-PE Datasheet
816Kb / 4P
   GPON High Power Diplexer PRELIMINARY
logo
Source Photonics, Inc.
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
logo
Applied Micro Circuits ...
CS3157 AMCC-CS3157 Datasheet
38Kb / 2P
   GPON Transceiver With CDR
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
   Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
   Diplexer
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
   Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com