Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTUM6350A4CXS Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # PTUM6350A4CXS
Description  Submersible precision stainless steel transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTUM6350A4CXS Datasheet(HTML) 6 Page - Sensortechnics GmbH

  PTUM6350A4CXS Datasheet HTML 1Page - Sensortechnics GmbH PTUM6350A4CXS Datasheet HTML 2Page - Sensortechnics GmbH PTUM6350A4CXS Datasheet HTML 3Page - Sensortechnics GmbH PTUM6350A4CXS Datasheet HTML 4Page - Sensortechnics GmbH PTUM6350A4CXS Datasheet HTML 5Page - Sensortechnics GmbH PTUM6350A4CXS Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BTE6000 / PTU6000...CS Series
Submersible precision stainless steel transmitters
6/6
August 2008 / 104
www.sensortechnics.com
OUTLINE DRAWING
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
mass: typ. 350 g (without cable)
dimensions in mm (inches)
BTE/PTU
M
6xxx
x
x
C
x
S
submersible
cable length in m
cable version
output signal
0: 0...10 V
1: 1...6 V
4: 4...20 mA
5: 0...20 mA
pressure mode
G: gage pressure
A: absolute pressure
(available for pressure
ranges from 1 bar/15 psi
absolute upwards only!)
calibration
BTE: calibration in bar
PTU: calibration in psi
mbar-ranges
pressure range
100: 0...100 mbar
250: 0...250 mbar
350: 0...350 mbar
500: 0...500 mbar
001:
0...1 bar
002:
0...2 bar
005:
0...5 bar
010:
0...10 bar
ORDERING INFORMATION
002:
0...2 psi
003:
0...3 psi
005:
0...5 psi
010:
0...10 psi
015:
0...15 psi
030:
0...30 psi
050:
0...50 psi
100: 0...100 psi
150: 0...150 psi
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.
NOM 2000
(78.74)
NOM 70
(2.76)
NOM 151
(5.95)
other cable lengths
on request
Hydrophobic filter
(incl. in delivery)


Similar Part No. - PTUM6350A4CXS

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
PTU CONQUER-PTU Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.250 CONQUER-PTU.250 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.315 CONQUER-PTU.315 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.400 CONQUER-PTU.400 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU.500 CONQUER-PTU.500 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
More results

Similar Description - PTUM6350A4CXS

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
   OEM stainless steel submersible pressure transducers
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
   Stainless Steel
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com