Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSDX5000A2R Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # CSDX5000A2R
Description  Digital pressure transducers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CSDX5000A2R Datasheet(HTML) 2 Page - Sensortechnics GmbH

  CSDX5000A2R Datasheet HTML 1Page - Sensortechnics GmbH CSDX5000A2R Datasheet HTML 2Page - Sensortechnics GmbH CSDX5000A2R Datasheet HTML 3Page - Sensortechnics GmbH CSDX5000A2R Datasheet HTML 4Page - Sensortechnics GmbH CSDX5000A2R Datasheet HTML 5Page - Sensortechnics GmbH CSDX5000A2R Datasheet HTML 6Page - Sensortechnics GmbH CSDX5000A2R Datasheet HTML 7Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CSDX Series
Digital pressure transducers
2/7
February 2009 / 632
www.sensortechnics.com
PRESSURE RANGES SPECIFICATIONS
(V
S = 5.0 VDC, TA = 25°C)
Specification notes:
1.
If maximum burst pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die
may fracture.
2.
Span is the algebraic difference between the output signal for the highest and lowest specified pressure.
3.
Total accuracy is the combined error from offset and span calibration, linearity, pressure hysteresis, and temperature
effects. Linearity is the measured deviation based on a straight line. Hysteresis is the maximum output difference at
any point within the operating pressure range for increasing and decreasing pressure. Calibration errors include the
deviation of offset and full scale from nominal values.
4.
Delay time between sampling and signal change at the output.
5.
The smallest change in the output voltage, given any change in pressure.
t
r
a
Pr
e
b
m
u
ne
g
n
a
r
e
r
u
s
s
e
r
Pt
s
r
u
Be
r
u
s
s
e
r
p
1
)
.
p
y
t
(
y
t
i
v
i
t
i
s
n
e
S
O
R
A
B
1
1
8
0
X
D
S
C0
0
1
1
o
t
0
0
8)
a
(
r
a
b
m2
r
a
b
)
a
(
7
.
0
1
/
s
t
n
u
o
c
r
a
b
m
R
2
A
0
0
0
1
X
D
S
C1
o
t
0
r
a
b
)
a
(
22
.
3
R
2
A
0
0
0
2
X
D
S
C2
o
t
04
6
.
1
R
2
A
0
0
0
5
X
D
S
C5
o
t
00
16
.
0
R
4
D
5
2
0
0
X
D
S
C5
2
o
t
0
r
a
b
m
)
d
,
g
(
2
.
0
r
a
b
)
d
,
g
(
8
2
1
R
4
D
/
R
2
G
0
5
0
0
X
D
S
C0
5
o
t
05
3
.
04
6
R
4
D
/
R
2
G
0
0
1
0
X
D
S
C0
0
1
o
t
05
3
.
02
3
R
4
D
/
R
2
G
0
5
2
0
X
D
S
C0
5
2
o
t
01
8
.
2
1
R
4
D
/
R
2
G
0
0
5
0
X
D
S
C0
0
5
o
t
01
4
.
6
R
4
D
/
R
2
G
0
0
0
1
X
D
S
C1
o
t
0
r
a
b
)
d
,
g
(
22
.
3
R
4
D
/
R
2
G
0
0
0
2
X
D
S
C2
o
t
04
6
.
1
R
4
D
/
R
2
G
0
0
0
5
X
D
S
C5
o
t
00
16
.
0
D
4
D
0
1
0
0
X
D
S
C0
1
±
o
t
0
r
a
b
m
)
d
(
2
.
0
r
a
b
)
d
(
0
6
1
D
4
D
5
2
0
0
X
D
S
C5
2
±
o
t
02
.
04
6
D
4
D
0
5
0
0
X
D
S
C0
5
±
o
t
05
3
.
02
3
D
4
D
0
0
1
0
X
D
S
C0
0
1
±
o
t
05
3
.
06
1
D
4
D
0
5
2
0
X
D
S
C0
5
2
±
o
t
01
4
.
6
D
4
D
0
0
5
0
X
D
S
C0
0
5
±
o
t
01
2
.
3
D
4
D
0
0
0
1
X
D
S
C1
±
o
t
0)
d
(
r
a
b2
6
.
1


Similar Part No. - CSDX5000A2R

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CSDXXX60 CREE-CSDXXX60 Datasheet
2Mb / 19P
   Introducing SiC Schottky Diode
More results

Similar Description - CSDX5000A2R

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
   Digital pressure transducers
DSDXL005D4D SENSORTECHNICS-DSDXL005D4D Datasheet
67Kb / 6P
   Digital pressure transducers
DSDX015A2R-A SENSORTECHNICS-DSDX015A2R-A Datasheet
111Kb / 7P
   Digital pressure transducers
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
   PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com