Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP2526-2BM Datasheet(PDF) 8 Page - A1 PROs co., Ltd.

Part # IMP2526-2BM
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2526-2BM Datasheet(HTML) 8 Page - A1 PROs co., Ltd.

Back Button IMP2526-2BM Datasheet HTML 4Page - A1 PROs co., Ltd. IMP2526-2BM Datasheet HTML 5Page - A1 PROs co., Ltd. IMP2526-2BM Datasheet HTML 6Page - A1 PROs co., Ltd. IMP2526-2BM Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2526-2BM Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2526-2BM Datasheet HTML 9Page - A1 PROs co., Ltd. IMP2526-2BM Datasheet HTML 10Page - A1 PROs co., Ltd. IMP2526-2BM Datasheet HTML 11Page - A1 PROs co., Ltd. IMP2526-2BM Datasheet HTML 12Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
IMP2525
IMP2525
2
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Pin Descriptions
Ordering Information
4
NC
3
GND
2
FLG
1
EN
5NC
6
NC/OUT
*Connect pins 6 and 8 for MIC2525 compatibility
7IN
*
8
OUT
2525_02.eps
IMP2525
SO/DIP
2525_03.eps
OUT
8
6
IN
GND
7
3
FLG
2
EN
1
Logic,
Charge
Pump
Pin Number
Name
Function
1
EN
Enable input. This pin is the MOSFET switch driver logic input. Both active-HIGH
(-1 suffix) and active-LOW (-2 suffix) logic devices are available.
2
FLG
Fault flag output. This open-drain output goes into an active-LOW state in response to
undervoltage, current limit or thermal shutdown conditions.
3
GND
Ground. Power supply return for the internal circuitry of the IC.
4, 5
NC
No connection. These pins have no internal connections to the device.
6
NC/OUT
No connection. This pin has no internal connection to the device. Connect pins 6 and 8 to
maintain pin-compatibility with the MIC2525.
7
IN
Positive power supply voltage input. This is the switching MOSFET drain connection
as well as the positive supply for the IC.
8
OUT
MOSFET source. The output pin supplies power to the load.
Part Number
Enable Logic
Temperature Range
Pins-Package
IMP2525-1BM
Active HIGH
– 40
°C to +85°C
8-SO
IMP2525-2BM
Active LOW
– 40
°C to +85°C
8-SO
IMP2525-1BN
Active HIGH
– 40
°C to +85°C
8-DIP
IMP2525-2BN
Active LOW
– 40
°C to +85°C
8-DIP
Pin Configuration


Similar Part No. - IMP2526-2BM

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
IMP2527 IMP-IMP2527 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
More results

Similar Description - IMP2526-2BM

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
Micrel Semiconductor
MIC2527 MICREL-MIC2527 Datasheet
124Kb / 12P
   Quad USB Power Control Switch
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
SynQor Worldwide Headqu...
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
logo
Generalplus Technology ...
GPL085A GENERALPLUS-GPL085A Datasheet
717Kb / 15P
   Low Power 660--dott LCD Conttrollller wiitth 64KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com