Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP2525A-2BNIMP2526-1BM Datasheet(PDF) 10 Page - A1 PROs co., Ltd.

Part # IMP2525A-2BNIMP2526-1BM
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2525A-2BNIMP2526-1BM Datasheet(HTML) 10 Page - A1 PROs co., Ltd.

Back Button IMP2525A-2BNIMP2526-1BM Datasheet HTML 6Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 9Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 10Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 11Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 12Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 13Page - A1 PROs co., Ltd. IMP2525A-2BNIMP2526-1BM Datasheet HTML 14Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
IMP2525
IMP2525
4
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Detailed Descriptions
The IMP2525 is a high-side N-channel MOSFET switch that inter-
faces with a USB controller by means of a Switch-Enable input
and a Fault-Flag output. The Enable input turns ON the power
MOSFET with either a logic “1” for the IMP2525-1 or logic “0” for
the IMP2525-2. Any one of three fault conditions will activate the
open-drain Fault-Flag Output to alert the controller that the
power MOSFET has been turned OFF.
Input and Output
The IN (input) pin is the power supply connection to the logic cir-
cuitry and the “High-Side” of the switch (the Drain of the power
MOSFET). The OUT (output) pin is the “Low-Side” of the switch
(the Source of the power MOSFET). In a typical circuit, current
flows through the switch from IN to OUT toward the load.
The switch is referred to as a “High-Side” switch since it drives
the positive (or high) side of the load. The output MOSFET source
can be forced to a higher voltage than the drain (VOUT > VIN) when
the output is OFF with little leakage current. If, however, VIN
drops below 2.3V, reverse current may flow out the IN pin regard-
less of the enable state.
When the power switch is ON, current can flow in either
direction.
Fault Flag - FLG Pin
The Fault Flag pin, FLG, connects to an N-channel, open-drain
MOSFET and goes LOW (“0”) for an occurrence of one or more of
three conditions: undervoltage, current limit, or thermal shut-
down. The FLG output MOSFET is capable of sinking a 10mA
load to typically 100mV above ground. Table 1 gives the states of
the FLG and OUT pins when a fault condition is detected.
Thermal Shutdown
Thermal shutdown is active when the output switch is enabled
(turned ON). Thermal shutdown shuts off the output MOSFET
and sets the Fault Flag if the on-chip temperature sensor exceeds
135
°C. The switch is held OFF until the die temperature drops to
125
°C or below. This 10°C of hysteresis will result in ON-OFF
short-circuit cycling if the short-circuit condition is not removed
or the bus-controller does turn off the switch with the Enable
input. Over temperature detection is active only if the chip is
enabled.
Undervoltage Lockout
The Undervoltage lockout (UVLO) prevents the output
MOSFET from being put into the ON state until the positive sup-
ply voltage, VIN, exceeds 2.5V. When the output switch is in the
ON state and the positive supply voltage drops below 2.3V, the
UVLO circuitry will assert the Fault Flag, FLG, and shut OFF the
output MOSFET. The FLG output will only assert an active LOW
state when the MOSFET switch is in the ON state. Undervoltage
detection is active only if the chip is enabled.
Current Limiting
Current limiting is achieved by sensing the voltage drop from
Drain-to-Source of the power MOSFET. When the internal thresh-
old is exceeded the power MOSFET is turned OFF.
Table 1. Fault Flag Conditions - Switch Enabled
Condition
Cause
FLG pin “0” Until
Switch State (FLG = “0”)
Thermal Shutdown
TJ > 135
°CTJ ≤ 125°C
Turns OFF
Undervoltage Lockout (UVLO)
VIN < 2.3V
VIN > 2.5V
Turns OFF
Current Limiting
IO > 0.5A (step load)
Enable off or
Stays ON
IO > 0.63A (ramped load)
Thermal Shutdown


Similar Part No. - IMP2525A-2BNIMP2526-1BM

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
IMP2527 IMP-IMP2527 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
More results

Similar Description - IMP2525A-2BNIMP2526-1BM

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
Micrel Semiconductor
MIC2527 MICREL-MIC2527 Datasheet
124Kb / 12P
   Quad USB Power Control Switch
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
SynQor Worldwide Headqu...
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
logo
Generalplus Technology ...
GPL085A GENERALPLUS-GPL085A Datasheet
717Kb / 15P
   Low Power 660--dott LCD Conttrollller wiitth 64KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com