Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTE6016A1-FL Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # BTE6016A1-FL
Description  Precision stainless steel pressure transmitters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTE6016A1-FL Datasheet(HTML) 6 Page - Sensortechnics GmbH

  BTE6016A1-FL Datasheet HTML 1Page - Sensortechnics GmbH BTE6016A1-FL Datasheet HTML 2Page - Sensortechnics GmbH BTE6016A1-FL Datasheet HTML 3Page - Sensortechnics GmbH BTE6016A1-FL Datasheet HTML 4Page - Sensortechnics GmbH BTE6016A1-FL Datasheet HTML 5Page - Sensortechnics GmbH BTE6016A1-FL Datasheet HTML 6Page - Sensortechnics GmbH BTE6016A1-FL Datasheet HTML 7Page - Sensortechnics GmbH BTE6016A1-FL Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BTE6000 / PTU6000 Series
Precision stainless steel pressure transmitters
6/8
December 2008 / 102
www.sensortechnics.com
OUTLINE DRAWING
BTE6... (for pressure ranges
< 35 bar)
BTE6... (for pressure ranges
35 bar)
BTE6...-FL
mass: 230 g
dimensions in mm (inches)
mass: 280 g
dimensions in mm (inches)
mass: 250 g
dimensions in mm (inches)
12.0
(0.47)
vent hole
1
1
2
3
25.0
(0.98)
17.0
(0.67)
8.5
(0.33)
NOM 83.0
(NOM 3.27)
vent hole
1
1
2
3
12.0
(0.47)
25.0
(0.98)
17.0
(0.67)
31.5
(1.24)
NOM 106.0
(NOM 4.17)
1
NOM 86.5
(NOM 3.41)
12.0
(0.47)
NOM 13.0 (NOM 0.51)
NOM 3.0 (NOM 0.12)
12.0
(0.47)
WARNING
Do not touch diaphragm
1
2
3
vent hole


Similar Part No. - BTE6016A1-FL

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BTE-020-01-F-D SAMTEC-BTE-020-01-F-D Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A SAMTEC-BTE-020-01-F-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A-K SAMTEC-BTE-020-01-F-D-A-K Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A SAMTEC-BTE-020-01-L-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A-K SAMTEC-BTE-020-01-L-D-A-K Datasheet
652Kb / 3P
   .8mm DOUBLE ROW TERMINAL ASSEMBLY
More results

Similar Description - BTE6016A1-FL

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM6100G0CXS SENSORTECHNICS-BTEM6100G0CXS Datasheet
105Kb / 6P
   Submersible precision stainless steel transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com