Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP2525-2BN Datasheet(PDF) 6 Page - A1 PROs co., Ltd.

Part # IMP2525-2BN
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2525-2BN Datasheet(HTML) 6 Page - A1 PROs co., Ltd.

Back Button IMP2525-2BN Datasheet HTML 2Page - A1 PROs co., Ltd. IMP2525-2BN Datasheet HTML 3Page - A1 PROs co., Ltd. IMP2525-2BN Datasheet HTML 4Page - A1 PROs co., Ltd. IMP2525-2BN Datasheet HTML 5Page - A1 PROs co., Ltd. IMP2525-2BN Datasheet HTML 6Page - A1 PROs co., Ltd. IMP2525-2BN Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2525-2BN Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2525-2BN Datasheet HTML 9Page - A1 PROs co., Ltd. IMP2525-2BN Datasheet HTML 10Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
D1
N
D
E
eA
eB
E1
C
0
°–15°
A
e
B1
B
A2
L
A1
Plastic DIP (16-Pin).eps
Plastic DIP (16-Pin)
H
E
eB
D
A1
A
L
0
°– 8°
C
16-Pin (SO).eps
SO (16-Pin)
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
)
n
i
P
-
6
1
(
P
I
D
c
i
t
s
a
l
P
A
0
0
2
.
0
8
0
.
5
1
A5
1
0
.
0
8
3
.
0
2
A5
2
1
.
05
7
1
.
08
1
.
35
4
.
4
B6
1
0
.
02
2
0
.
01
4
.
06
5
.
0
1
B5
4
0
.
05
6
0
.
04
1
.
15
6
.
1
C8
0
0
.
02
1
0
.
00
2
.
00
3
.
0
D5
4
7
.
05
6
7
.
02
9
.
8
13
4
.
9
1
1
D5
0
0
.
00
8
0
.
03
1
.
03
0
.
2
E0
0
3
.
05
2
3
.
02
6
.
76
2
.
8
1
E0
4
2
.
00
1
3
.
00
1
.
67
8
.
7
e0
0
1
.
0
4
5
.
2
A
e0
0
3
.
0
2
6
.
7
B
e
0
0
4
.
0
6
1
.
0
1
L5
1
1
.
00
5
1
.
02
9
.
21
8
.
3
*
*
)
n
i
P
-
6
1
(
O
S
A6
2
9
.
03
4
0
1
.
05
3
.
25
6
.
2
1
A0
4
0
0
.
08
1
1
0
.
00
1
.
00
3
.
0
B3
1
0
.
00
2
0
.
03
3
.
01
5
.
0
C1
9
0
0
.
05
2
1
0
.
03
2
.
02
3
.
0
D7
7
9
3
.
03
3
1
4
.
00
1
.
0
10
5
.
0
1
E4
1
9
2
.
02
6
6
2
.
00
4
.
70
6
.
7
eC
S
B
0
5
0
.
0C
S
B
7
2
.
1
H4
9
3
.
09
1
4
.
00
0
.
0
15
6
.
0
1
L6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
B
A
8
5
0
-
O
M
g
n
i
w
a
r
D
C
E
D
E
J
*
A
A
3
1
0
-
S
M
g
n
i
w
a
r
D
C
E
D
E
J
*
*
3
t
a
.
3
0
t
_
6
2
/
4
2
5
2
Package Dimensions
IMP252
IMP252 4/2
4/2 77
4
408-432-9100/www.impweb.com
© 2000 IMP, Inc.


Similar Part No. - IMP2525-2BN

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
IMP2527 IMP-IMP2527 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
More results

Similar Description - IMP2525-2BN

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
Micrel Semiconductor
MIC2527 MICREL-MIC2527 Datasheet
124Kb / 12P
   Quad USB Power Control Switch
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
SynQor Worldwide Headqu...
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
logo
Generalplus Technology ...
GPL085A GENERALPLUS-GPL085A Datasheet
717Kb / 15P
   Low Power 660--dott LCD Conttrollller wiitth 64KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com