Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS105DG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LVDS105DG4
Description  4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS105DG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS105DG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS105DG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS105DG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS105DG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS105DG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS105DG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS105DG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS105DG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS105DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
DESCRIPTION
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
EN1
EN2
A
’LVDS104
EN4
logic diagram (positive logic)
EN3
B
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
EN1
EN2
A
’LVDS105
EN4
EN3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN1
EN2
EN3
VCC
GND
A
B
EN4
1Y
1Z
2Y
2Z
3Y
3Z
4Y
4Z
SN65LVDS104
D OR PW PACKAGE
(Marked as LVDS104)
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN1
EN2
EN3
VCC
GND
A
NC
EN4
1Y
1Z
2Y
2Z
3Y
3Z
4Y
4Z
SN65LVDS105
D OR PW PACKAGE
(Marked as LVDS105)
(TOP VIEW)
SN65LVDS104
SN65LVDS105
SLLS396F – SEPTEMBER 1999 – REVISED JANUARY 2005
4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
Receiver and Drivers Meet or Exceed the
Requirements of ANSI EIA/TIA-644 Standard
– SN65LVDS105 Receives Low-Voltage TTL
(LVTTL) Levels
– SN65LVDS104 Receives Differential Input
Levels,
±100 mV
Typical Data Signaling Rates to 400 Mbps or
Clock Frequencies to 400 MHz
Operates From a Single 3.3-V Supply
Low-Voltage Differential Signaling With
Typical Output Voltage of 350 mV and a 100-
Load
Propagation Delay Time
– SN65LVDS105 – 2.2 ns (Typ)
– SN65LVDS104 – 3.1 ns (Typ)
LVTTL Levels Are 5-V Tolerant
Electrically Compatible With LVDS, PECL,
LVPECL, LVTTL, LVCMOS, GTL, BTL, CTT,
SSTL, or HSTL Outputs With External
Networks
Driver Outputs Are High Impedance When
Disabled or With VCC <1.5 V
Bus-Pin ESD Protection Exceeds 16 kV
SOIC and TSSOP Packaging
The SN65LVDS104 and SN65LVDS105 are a differ-
ential line receiver and a LVTTL input (respectively)
connected to four differential line drivers that im-
plement the electrical characteristics of low-voltage
differential signaling (LVDS). LVDS, as specified in
EIA/TIA-644 is a data signaling technique that offers
low-power, low-noise coupling, and switching speeds
to transmit data at relatively long distances. (Note:
The ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of the
media, the noise coupling to the environment, and
other system characteristics.)
The intended application of this device and signaling technique is for point-to-point baseband data transmission
over controlled impedance media of approximately 100
Ω. The transmission media may be printed-circuit board
traces, backplanes, or cables. Having the drivers integrated into the same substrate, along with the low pulse
skew of balanced signaling, allows extremely precise timing alignment of the signals repeated from the input.
This is particularly advantageous in distribution or expansion of signals such as clock or serial data stream.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDS105DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS105DG4 TI-SN65LVDS105DG4 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS105DG4 TI-SN65LVDS105DG4 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
More results

Similar Description - SN65LVDS105DG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com