Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEB50-48S12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # QEB50-48S12
Description  50 WATTS MAXIMUM OUTPUT POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QEB50-48S12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  QEB50-48S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD QEB50-48S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD QEB50-48S12 Datasheet HTML 3Page - Power Mate Technology Co., LTD QEB50-48S12 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4 Issued Date:2008/05/21
OUTPUT SPECIFICATIONS
Output power
50 Watts, max.
Voltage accuracy
Full load and Normal Vin
± 1.5%
Minimum load
0%
Voltage adjustability
(Note 5)
+ 10% , -20%
Line regulation
LL to HL at Full Load
±0.2%
Load regulation
No load to Full Load
See table
Remote Sense
(Note 5)
10% of Vout
Ripple and noise
20MHz bandwidth
(Measured with a 1μF M/C and a 10μFT/C)
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time
25% load step change
200μS
Over voltage Protection threshold
(Non-latching Hiccup)
120% Vout max.
Over Current Protection threshold
110% ~ 140% of Iout Rated
Short circuit protection
Hiccup, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input to Case
Output to Case
1600VDC, min.
1000VDC, min.
1000VDC, min.
Isolation resistance
10
7
ohms, min.
Isolation capacitance
2500 pF, max.
Switching frequency
270 KHz, typ.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Aluminum base plate
Weight (approx)
42g (1.46 oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
2.500 x 10
6 hrs
3.568 x 10
5 hrs
INPUT SPECIFICATIONS
Input voltage range
24V nominal input
48V nominal input
18 – 36VDC
36 – 75VDC
Input filter
L-C type
Input surge voltage 100mS max
24V nominal input
48V nominal input
50VDC
100VDC
Start up time
Nominal Vin and
constant resistive load
Power up
Remote ON/OFF
25mS, typ.
25mS, typ.
Start-up voltage
24V nominal input
48V nominal input
17VDC
34VDC
Shutdown voltage
24V nominal input
48V nominal input
15VDC
32VDC
Remote ON/OFF (Note 6)
Negative logic(Standard)
Positive logic(Option)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3V < Vr < 15V
Open or 3V < Vr < 15V
Short or 0V < Vr < 1.2V
Input current of remote control pin
Nominal Vin
-0.5~1.0mA
Remote off state input current
Nominal Vin
2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating base-plate temperature range (Note 7)
-40ºC to +100ºC
(with derating)
Over temperature protection
110ºC, typ.
Storage temperature range
-55ºC to +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Humidity , Max , Non-Condensing
95%
EMC CHARACTERISTICS
EMI (Note 8)
EN55022
Class A
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient (Note 9)
EN61000-4-4
±
2KV Perf. Criteria B
Surge (Note 9)
EN61000-4-5
±
1KV Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
TECHNICAL SPECI F ICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Distributed Power Architectures
Semiconductor Equipment
FEATURES
50 WATTS MAXIMUM OUTPUT POWER
SINGLE OUTPUT UP TO 20A
COMPACT 2.28 X 1.45 X 0.50 INCH PACKAGE
HIGH EFFICIENCY UP TO 91%
2:1 WIDE INPUT VOLTAGE RANGE
FIXED SWITCHING FREQUENCY
INDUSTRY STANDARD FOOTPRINT
NO MINIMUM LOAD
ADJUSTABLE OUTPUT VOLTAGE
UNDER-VOLTAGE LOCKOUT
INPUT TO OUTPUT ISOLATION (BASIC INSULATION)
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
Positive logic Remote on/off, Pin length
DESCRIPTION
QEB50 single output DC/DC converters provide up to 50 watts of output power in
an industry standard quarter-brick package and footprint. These units are
specifically designed to meet the power needs of low-voltage silicon. All models
feature a wide input range, trimmable output voltage and a 20A current rating.


Similar Part No. - QEB50-48S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB50-48S12 P-DUKE-QEB50-48S12 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
More results

Similar Description - QEB50-48S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HEC50-24S1P8 P-DUKE-HEC50-24S1P8 Datasheet
334Kb / 3P
   50 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com