Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTU015A7 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # PTU015A7
Description  Pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTU015A7 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  PTU015A7 Datasheet HTML 1Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 2Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 3Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 4Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 5Page - Sensortechnics GmbH PTU015A7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BTE4000 / PTU4000 Series
Pressure transmitters
4/6
December 2008 / 096
www.sensortechnics.com
OUTPUT CHARACTERISTICS
0...10 V output version
1...6 V output version
4...20 mA output version
operating pressure
-100
2
1
4
3
-40
-80 -60
-20
0
+20
6
5
8
7
10
9
+100
+40 +60 +80
%
Vout
V
BTE/PTU4N...
all others
BTE/PTU4P...
operating pressure
BTE/PTU4N...
-40
-100 -80 -60
-20
0 +20
2
1
4
3
Vout
V
6
5
8
7
BTE/PTU4P...
10
9
+100
+40 +60 +80
%
all others
operating pressure
-100
2
1
4
3
-40
-80 -60
-20
0
+20
6
5
8
7
10
9
+100
+40 +60 +80
%
Vout
V
BTE/PTU4N...
all others
BTE/PTU4P...
operating pressure
-100
4
2
8
6
-40
-80 -60
-20
0
+20
14
12
10
16
20
18
+100
+80
+40 +60
%
Iout
mA
BTE/PTU4P...
BTE/PTU4N...
all others
0...5 V output version
LOAD LIMITATION
operating
0
200
400
10
20
1000
600
800
Ohm
1200
30
Vsupply
V
range


Similar Part No. - PTU015A7

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
PTU001 CONQUER-PTU001 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU002 CONQUER-PTU002 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU004 CONQUER-PTU004 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
PTU005 CONQUER-PTU005 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
logo
Sensortechnics GmbH
PTU005G4 SENSORTECHNICS-PTU005G4 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
More results

Similar Description - PTU015A7

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com