Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP2524-1BWM Datasheet(PDF) 9 Page - A1 PROs co., Ltd.

Part # IMP2524-1BWM
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2524-1BWM Datasheet(HTML) 9 Page - A1 PROs co., Ltd.

Back Button IMP2524-1BWM Datasheet HTML 5Page - A1 PROs co., Ltd. IMP2524-1BWM Datasheet HTML 6Page - A1 PROs co., Ltd. IMP2524-1BWM Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2524-1BWM Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2524-1BWM Datasheet HTML 9Page - A1 PROs co., Ltd. IMP2524-1BWM Datasheet HTML 10Page - A1 PROs co., Ltd. IMP2524-1BWM Datasheet HTML 11Page - A1 PROs co., Ltd. IMP2524-1BWM Datasheet HTML 12Page - A1 PROs co., Ltd. IMP2524-1BWM Datasheet HTML 13Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
IMP2525
IMP2525
© 2000 IMP, Inc.
USB High-Side Power Switches
3
Electrical Characteristics
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Fault Flag Voltage
. . . . . . . . . . . . . . . . . . . . . . +6.0V
Fault Flag Current . . . . . . . . . . . . . . . . . . . . . . 50mA
Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited
Enable Input . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 12V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 5 sec.) . . . . . . . 260
°C
Package Thermal Resistance
SO (
θJA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120°C/W
DIP(
θJA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130°C/W
Note: All voltages are referenced to GND.
These are stress ratings only and functional operation is not
implied. Exposure to absolute maximum ratings for prolonged
time periods may affect device reliability.
Parameter
Symbol ConditionsMin
Typ
Max
Units
Supply Voltage Range
VIN
TA = – 40
°C to +85°C
2.7
5.5
V
Operating Temperature Range
TA
– 40
85
°C
Supply Current
IIN OFF
Switch OFF, No load
0.75
5
µA
Switch OFF
VENOFF
≤ 0.8V, VENON ≥ 2.4V IMP2525-1
VENON
≤ 0.8V, VENOFF ≥ 2.4V IMP2525-2
Supply Current
IIN ON
Switch ON, No load
110
160
µA
Switch ON
VENOFF
≤ 0.8V, VENON ≥ 2.4V IMP2525-1
VENON
≤ 0.8V, VENOFF ≥ 2.4V IMP2525-2
Enable Input Threshold
VENH
LOW to HIGH (“0” to “1”) Enable Voltage, Note 1, 2
2.1
2.4
V
VENL
HIGH to LOW (“1” to “0”) Enable Voltage, Note 1, 2
0.8
1.9
Enable Input Current
IEN
VEN = 0V to 5.5V
–1
±0.01
1
µA
Enable Input Capacitance
CEN
1pF
Switch ON Resistance
RON
VIN = 5V, IOUT = 500mA
0.1
0.14
VIN = 3.3V, IOUT = 500mA
0.14
0.18
Output Turn-On Delay
TDON
RL = 10
0.25
ms
Output Turn-On Rise Time
TRON
RL = 10
1ms
Output Turn-Off Delay
TDOFF
RL = 10
Ω, Note 2
1
20
µs
Output Turn-Off Fall Time
TFOFF
RL = 10
Ω, Note 2
1
20
µs
Output Leakage Current
IOFF
10
µA
Short-circuit Current Limit
ISC
0.50
0.75
1.25
A
Overtemperature Shutdown
TJ increasing
135
°C
Threshold
TJ decreasing
125
Error Flag Output Resistance
RFLAG
VIN = 5V, IL = 10mA
10
25
VIN = 3.3V, IL = 10mA
15
40
Error Flag Output Current
IFLAG
VFLAG = 5V
0.01
1
µA
UVLO Threshold
VUVLO
VIN Increasing
2.5
V
VIN Decreasing
2.3
Unless otherwise noted, VIN = 5V and TA = 25°C.
Notes 1. Switch OFF is VEN
≤ 0.8V and Switch ON is VEN ≥ 2.4V for the IMP2525-1. Switch OFF is VEN ≥ 2.4V and Switch ON is VEN ≤ 0.8V
for the IMP2525-2. The Enable input has approximately 200mV of hysteresis.
2. Over operating temperature range, –40
°C ≤ TA ≤ 85°C.
Absolute Maximum Ratings


Similar Part No. - IMP2524-1BWM

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
More results

Similar Description - IMP2524-1BWM

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP690A A1PROS-IMP690A Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
logo
Micrel Semiconductor
MIC2527 MICREL-MIC2527 Datasheet
124Kb / 12P
   Quad USB Power Control Switch
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
SynQor Worldwide Headqu...
MQFL-28-06S SYNQOR-MQFL-28-06S Datasheet
654Kb / 16P
   HIIGH RELLIIABIILLIITTY DC/DC CONVERTTER
logo
Analog Intergrations Co...
AIC1529 AIC-AIC1529 Datasheet
275Kb / 11P
   Quad USB High-Side Power Switch
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
SynQor Worldwide Headqu...
MQME-28-P SYNQOR-MQME-28-P Datasheet
601Kb / 12P
   HIIGH RELLIIABIILLIITTY EMI FIILLTTER
logo
Generalplus Technology ...
GPL085A GENERALPLUS-GPL085A Datasheet
717Kb / 15P
   Low Power 660--dott LCD Conttrollller wiitth 64KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com