Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AI2152 Datasheet(PDF) 7 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 7 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 3Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 4Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 5Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 6Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 7Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 8Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 9Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 10Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 11Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
ADDRESS
NAME
BIT
CONTENTS
04
(1070h)
TV_TEST_Y[7:0]
7:0
Output Y when TV user defined color output mode.
Note: (75% Amplitude YCbCr)
White
TV_TEST_Y=BFh, TV_TEST_CB=80h,
TV_TEST_CR=80h
Yellow
TV_TEST_Y=AAh, TV_TEST_CB=20h,
TV_TEST_CR=8Fh
Cyan
TV_TEST_Y=86h, TV_TEST_CB=A0h,
TV_TEST_CR=20h
Green
TV_TEST_Y=70h, TV_TEST_CB=40h,
TV_TEST_CR=2Fh
Magenta
TV_TEST_Y=4Fh, TV_TEST_CB=BFh,
TV_TEST_CR=D0h
Red
TV_TEST_Y=39h, TV_TEST_CB=60h,
TV_TEST_CR=E0h
Blue
TV_TEST_Y=16h, TV_TEST_CB=E0h,
TV_TEST_CR=9Bh
Black
TV_TEST_Y=00h, TV_TEST_CB=80h,
TV_TEST_CR=80h
05
(1071h)
TV_TEST_CB[7:0]
7:0
Output CB when TV user defined color output mode.
06
(1072h)
TV_TEST_CR[7:0]
7:0
Output CR when TV user defined color output mode.
07
(1066h)
TV_U_BURST[7:0]
7:0
Color burst level U for NTSC/PAL.
(Format: Signed_bit+ data, Unit: 1 level for 9 bits D/A)
Note: NTSC
bdh level.
PAL
abh level.
08
(1067h)
TV_V_BURST[7:0]
7:0
Color burst level V for NTSC/PAL.
(Format: Signed_bit+ data, Unit: 1 level for 9 bits D/A)
Note: NTSC
0h level.
PAL
2bh level.
09
(100Ch)
DVIO_O[7:0]
7:0
Output for PIN DVIO[7:0]
0A
(100Dh)
DVIO_OE[7:0]
7:0
Output enable for PIN DVIO[7:0]
0B
(100Eh)
GPIO_PUL_UP
[7:0]
7:0
Pull up GPIO[7:0] input (high active)
0C
Reserved
7:0
Reserved
0
VRI_RIS
1
0: Detect VRI at falling edge
1: Detect VRI at rising edge
Reserved
6:2
VRI_DIV2
7
1: Select VRI divide 2
TV_W_CLIP[5:0]
5:0
White Clip Level
Reserved
7:6
0E
(1073h)
0D
(1040h)
A
i2152


Similar Part No. - AI2152

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
More results

Similar Description - AI2152

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
   Digital Signal Processor for Color CCD Cameras
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
   Digital Signal Processor for Color CCD Cameras
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
   Digital Signal Processor for Color CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com