Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTU6N15G0-FL Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # PTU6N15G0-FL
Description  Precision stainless steel pressure transmitters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTU6N15G0-FL Datasheet(HTML) 3 Page - Sensortechnics GmbH

  PTU6N15G0-FL Datasheet HTML 1Page - Sensortechnics GmbH PTU6N15G0-FL Datasheet HTML 2Page - Sensortechnics GmbH PTU6N15G0-FL Datasheet HTML 3Page - Sensortechnics GmbH PTU6N15G0-FL Datasheet HTML 4Page - Sensortechnics GmbH PTU6N15G0-FL Datasheet HTML 5Page - Sensortechnics GmbH PTU6N15G0-FL Datasheet HTML 6Page - Sensortechnics GmbH PTU6N15G0-FL Datasheet HTML 7Page - Sensortechnics GmbH PTU6N15G0-FL Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BTE6000 / PTU6000 Series
Precision stainless steel pressure transmitters
3/8
December 2008 / 102
www.sensortechnics.com
INDIVIDUAL PERFORMANCE CHARACTERISTICS1
0...10 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
1...6 V output (V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
6
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
5
8
.
4
5
1
.
0
-
0
.
5
0
5
1
.
5
5
1
.
0
V
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
6
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
9
.
4
9
.
9
0
.
5
0
.
0
1
1
.
5
1
.
0
1
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
5
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
0
0
1W
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
6
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
5
3
.
3
5
8
.
0
5
.
3
0
.
1
5
6
.
3
5
1
.
1
V
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
6
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
4
.
2
9
.
4
5
.
2
0
.
5
6
.
2
1
.
5
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
.
60
5
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
0
0
1W
m
4...20 mA output (V
S = 15 V, RL = 100 Ω, tamb = 25°C)
0...20 mA output (V
S = 15 V, RL = 100 Ω, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
6
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
5
8
.
1
1
5
8
.
3
0
.
2
1
0
.
4
5
1
.
2
1
5
1
.
4
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
6
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
9
.
7
9
.
5
1
0
.
8
0
.
6
1
1
.
8
1
.
6
1
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
1
.
0
I
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
L
)
A
m
0
2
=0
6
2W
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
N
6
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
5
8
.
9
5
1
.
0
-
0
.
0
1
0
5
1
.
0
1
5
1
.
0
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
7
.
.
.
N
6
U
T
P
/
E
T
B
s
r
e
h
t
o
ll
a
9
.
9
9
.
9
1
0
.
0
1
0
.
0
2
1
.
0
1
1
.
0
2
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
1
.
0
I
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
L
)
A
m
0
2
=0
6
2W
m


Similar Part No. - PTU6N15G0-FL

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
PTU6.30 CONQUER-PTU6.30 Datasheet
123Kb / 1P
   3.6Ø x 10 mm
More results

Similar Description - PTU6N15G0-FL

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM6100G0CXS SENSORTECHNICS-BTEM6100G0CXS Datasheet
105Kb / 6P
   Submersible precision stainless steel transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com