Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTE5P15D4A Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # PTE5P15D4A
Description  Precision differential pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTE5P15D4A Datasheet(HTML) 5 Page - Sensortechnics GmbH

  PTE5P15D4A Datasheet HTML 1Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 2Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 3Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 4Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 5Page - Sensortechnics GmbH PTE5P15D4A Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTE5000 / PTE5000 / PTU5000 Series
Precision differential pressure transmitters
5/6
June 2008 / 101
www.sensortechnics.com
OUTLINE DRAWING
ELECTRICAL CONNECTION
Pin
1
2
3
4
Connection
4 - 20 mA
output
+Vs
NC
case
-Vs
1 - 6 V
output
+Vs
Vout
case
-Vs
Cable version
ELECTRICAL CONNECTION
bare
brown
white
green
yellow
1 - 6 V
output
case/shield
+Vs
NC
Vout
-Vs
Connection
4 - 20 mA
output
case/shield
+Vs
NC
NC
-Vs
dimensions in mm
mass: typ. 220 g
(inches)
Connector version
dimensions in mm
mass: typ. 170 g
(inches)
72.0 (2.84)
NOM 86.0 (3.39)
40.0
(1.58)
20.0
(0.79)
2 x M5
(UNC 10-24)
BTE.../PTE...: 2 x 1/8" BSP
PTU...: 2 x 1/8" NPT
8.0 (0.31) min.
13.5 diam. (0.53)
8.0 (0.31) min.
M12 x 1
(0.47)
1
2
4
3
9.0
(0.35)
mating plug
H: high pressure port
L: low pressure port
90.0 (3.54)
72.0 (2.84)
40.0
(1.58)
13.5 diam. (0.53)
1 m (3.3 ft) shielded cable
4 x 0.25 mm² (AWG24)
8.0 (0.31) min.
8.0 (0.31) min.
9.0
(0.35)
H: high pressure port
L: low pressure port
20.0
(0.79)
2 x M5
(UNC 10-24)
BTE.../PTE...: 2 x 1/8" BSP
PTU...: 2 x 1/8" NPT


Similar Part No. - PTE5P15D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PTE5000D1A SENSORTECHNICS-PTE5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D1C SENSORTECHNICS-PTE5000D1C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D4A SENSORTECHNICS-PTE5000D4A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D4C SENSORTECHNICS-PTE5000D4C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
More results

Similar Description - PTE5P15D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com