Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTE5P05D4A Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # PTE5P05D4A
Description  Precision differential pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTE5P05D4A Datasheet(HTML) 2 Page - Sensortechnics GmbH

  PTE5P05D4A Datasheet HTML 1Page - Sensortechnics GmbH PTE5P05D4A Datasheet HTML 2Page - Sensortechnics GmbH PTE5P05D4A Datasheet HTML 3Page - Sensortechnics GmbH PTE5P05D4A Datasheet HTML 4Page - Sensortechnics GmbH PTE5P05D4A Datasheet HTML 5Page - Sensortechnics GmbH PTE5P05D4A Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTE5000 / PTE5000 / PTU5000 Series
Precision differential pressure transmitters
2/6
June 2008 / 101
www.sensortechnics.com
COMMON PERFORMANCE CHARACTERISTICS8
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O.
.
.
5
2
0
0
5
M
E
T
B
.
.
.
5
2
0
P
5
M
E
T
B
.
.
.
0
7
0
0
5
M
E
T
B
.
.
.
0
7
0
P
5
M
E
T
B
.
.
.
0
5
3
0
5
M
E
T
B
.
.
.
0
5
3
P
5
M
E
T
B
0
5
2
-
0
0
7
-
0
0
5
3
-
5
2
5
2
0
7
0
7
0
5
3
0
5
3
r
a
b
m
.
.
.
1
0
0
5
E
T
B
.
.
.
1
0
P
5
E
T
B
.
.
.
2
0
0
5
E
T
B
.
.
.
5
0
0
5
E
T
B
.
.
.
0
1
0
5
E
T
B
0
1
-
0
0
0
1
1
2
5
0
1
r
a
b
.
.
.
3
.
0
0
0
5
U
T
P
.
.
.
1
0
0
5
x
T
P
.
.
.
1
0
P
5
x
T
P
.
.
.
5
0
0
5
x
T
P
.
.
.
5
0
P
5
x
T
P
.
.
.
5
1
0
5
x
T
P
.
.
.
5
1
P
5
x
T
P
.
.
.
0
3
0
5
x
T
P
.
.
.
0
0
1
5
x
T
P
.
.
.
0
5
1
5
x
T
P
0
0
1
-
0
5
-
0
5
1
-
0
0
0
3
.
0
1
1
5
5
5
1
5
1
0
3
0
0
1
0
5
1
d
i
s
p
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
7
o
t
0
(
6
t
e
s
f
f
O
n
a
p
S
ll
a
s
e
c
i
v
e
d
d
i
s
p
1
/
r
a
b
m
0
7
s
e
c
i
v
e
d
d
i
s
p
5
/
r
a
b
m
0
5
3
ll
a
s
r
e
h
t
o
ll
a
5
2
0
.
0
±
8
0
0
.
0
±
5
0
0
.
0
±
1
0
0
.
0
±
5
2
1
.
0
±
0
4
0
.
0
±
5
2
0
.
0
±
5
4
0
.
0
±
C
°
/
O
S
F
%
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
4
2
.
0
±1
±
O
S
F
%
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
5
2
.
0
±
0
(
e
s
i
o
n
t
u
p
t
u
O
≤ f ≤
)
z
H
k
14
0
.
0
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
1s
m


Similar Part No. - PTE5P05D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PTE5000D1A SENSORTECHNICS-PTE5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D1C SENSORTECHNICS-PTE5000D1C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D4A SENSORTECHNICS-PTE5000D4A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
PTE5000D4C SENSORTECHNICS-PTE5000D4C Datasheet
118Kb / 5P
   Precision differential pressure transmitters
More results

Similar Description - PTE5P05D4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com