Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP805LMJA Datasheet(PDF) 7 Page - A1 PROs co., Ltd.

Part # IMP805LMJA
Description  μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP805LMJA Datasheet(HTML) 7 Page - A1 PROs co., Ltd.

Back Button IMP805LMJA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP805LMJA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP805LMJA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP805LMJA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP805LMJA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP805LMJA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP805LMJA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP805LMJA Datasheet HTML 9Page - A1 PROs co., Ltd. IMP805LMJA Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
IMP690A
IMP690A , 692A
, 692A , 802L, 802M, 805L
, 802L, 802M, 805L
Application Information
Backup Power Sources - SuperCapTM
Capacitor storage, with very high values of capacitance, can be
used as a back-up power source instead of batteries. SuperCapTM
are capacitors with capacities in the fractional farad range. A 0.1
farad SuperCapTM would provide a useful backup power source.
Like the battery supply, it is important that the capacitor voltage
remain below the maximum voltages shown in Table 2. Although
the circuit of Figure 5 shows the most simple way to connect the
SuperCapTM, this circuit cannot insure that an overvoltage condi-
tion will not occur since the capacitor will ultimately charge up to
VCC. To insure that an overvoltage condition does not occur,
the circuit of Figure 6 is preferred. In this circuit configuration, the
diode-resistor pair clamps the capacitor voltage at one diode-
drop below VCC. VCC itself should be regulated within ±5% of
5V for the IMP692A/802M or within
±10% of 5V for the
IMP690A/802L/805L to insure that the storage capacitor does not
achieve an overvoltage state.
Note: SuperCapTM is a trademark of Baknor Industries
Figure 5. Capacitor as a backup power source
Figure 6. Capacitor as back-up Power Source - Voltage
clamped to 0.5V below VCC
690A_08.eps
+5V
GND
IMP692A
IMP802M
( ) IMP805L
100k
+
0.1F
VBATT
VCC
To
µP
To Static RAM
RESET
VOUT
+
690A_07.eps
+5V
GND
( ) IMP805L
0.1F
VBATT
VCC
To
µP
To Static RAM
RESET
(RESET)
VOUT
Operation Without a Backup Power Source
When operating without a back-up power source, the VBATT pin
should be connected to GND and VOUT should be connected to
VCC, since power source switchover will not occur. Connecting
VOUT to VCC eliminates the voltage drop due to the ON-resistance
of the PMOS switch.
Power-Fail Comparator
The Power Fail feature is an independent voltage monitoring
function that can be used for any number of monitoring activities.
The PFI function can provide an early sensing of power supply
failure by sensing the voltage of the unregulated DC ahead of
the regulated supply sensing seen by the backup-battery
switchover circuitry.
The PFI pin is compared to a 1.25V internal reference. If the volt-
age at the PFI pin is less than this reference voltage, the

PFO pin
goes low. By sensing the voltage of the raw DC power supply, the
microprocessor system can prepare for imminent power-loss,
especially if the battery backup supply is not enabled. The input
voltage at the PFI pin results from a simple resistor voltage
divider as shown in Figure 7.
Figure 7. Simple Voltage divider sets PFI trip point
5
1 25
2
1
2
R
R
R
V
+
< .
5
1 25
2
1
2
R
R
R
V
+
> .
690A_09.eps
+5V
GND
0V
PFO
+5V
A
A
B
B
IMP690A
IMP692A
IMP802L
IMP802M
IMP805L
R2
PFI
VCC
PFO
R1


Similar Part No. - IMP805LMJA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP805LMJA IMP-IMP805LMJA Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results

Similar Description - IMP805LMJA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP2524 A1PROS-IMP2524 Datasheet
381Kb / 32P
   Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
logo
A1 PROs co., Ltd.
IMP1232LP A1PROS-IMP1232LP Datasheet
1Mb / 7P
   5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com