Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTE2001G4C Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # BTE2001G4C
Description  Precision stainless steel pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTE2001G4C Datasheet(HTML) 2 Page - Sensortechnics GmbH

  BTE2001G4C Datasheet HTML 1Page - Sensortechnics GmbH BTE2001G4C Datasheet HTML 2Page - Sensortechnics GmbH BTE2001G4C Datasheet HTML 3Page - Sensortechnics GmbH BTE2001G4C Datasheet HTML 4Page - Sensortechnics GmbH BTE2001G4C Datasheet HTML 5Page - Sensortechnics GmbH BTE2001G4C Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTE2000 / PTE2000 Series
Precision stainless steel pressure transmitters
2/6
December 2008 / 098
www.sensortechnics.com
4...20 mA output version (unless otherwise noted, V
S = 15 V, tamb = 25°C, RL = 100 Ohm)
COMMON PERFORMANCE CHARACTERISTICS1
INDIVIDUAL PERFORMANCE CHARACTERISTICS1
1...6 V output version (unless otherwise noted, V
S = 15 V, tamb = 25°C, RL > 100 kOhm)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
.
.
.
0
5
3
2
M
E
T
B0
5
3
.
0
r
a
b
.
.
.
1
0
0
2
E
T
B0
1
.
.
.
2
0
0
2
E
T
B0
2
.
.
.
5
0
0
2
E
T
B0
5
.
.
.
0
1
0
2
E
T
B0
0
1
.
.
.
0
2
0
2
E
T
B0
0
2
.
.
.
5
2
0
2
E
T
B0
5
2
.
.
.
5
3
0
2
E
T
B0
5
3
.
.
.
5
0
0
2
E
T
P0
5
g
i
s
p
.
.
.
5
1
0
2
E
T
P0
5
1
.
.
.
0
3
0
2
E
T
P0
0
3
.
.
.
0
0
1
2
E
T
P0
0
0
1
.
.
.
0
0
3
2
E
T
P0
0
0
3
.
.
.
0
0
5
2
E
T
P0
0
0
5
y
t
il
i
b
a
t
a
e
p
e
R
1
.
0
±
O
S
F
%
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
5
2
.
0
±
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
±
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
NB
()
L
S 6
2
.
0
±5
.
0
±
s
t
c
e
f
f
e
l
a
m
r
e
h
T
4
)
C
°
0
7
o
t
0
(.
.
.
5
0
0
2
E
T
P
/
.
.
.
M
E
T
B6
.
0
±5
.
2
±
)
n
a
p
s
d
n
a
t
e
s
f
f
o
d
e
n
i
b
m
o
c
(
s
r
e
h
t
o
ll
a5
.
0
±5
.
1
±
)
C
°
0
0
1
o
t
0
7
,
C
°
0
o
t
0
4
-
(0
.
2
±
)
%
0
9
o
t
0
1
(
e
s
n
o
p
s
e
r
y
c
n
e
u
q
e
r
F
1s
m
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O5
0
.
0
V
/
O
S
F
%
n
a
p
S3
0
.
0
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z0
9
.
00
0
.
10
1
.
1
V
n
a
p
s
e
l
a
c
s
ll
u
F5
9
.
40
0
.
55
0
.
5
t
u
p
t
u
o
e
l
a
c
s
ll
u
F0
.
6
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
5
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P0
0
1W
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z9
.
30
.
41
.
4
A
m
n
a
p
s
e
l
a
c
s
ll
u
F9
.
5
10
.
6
11
.
6
1
t
u
p
t
u
o
e
l
a
c
s
ll
u
F0
.
0
2
I
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
L
)
A
m
0
2
=0
6
2W
m


Similar Part No. - BTE2001G4C

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BTE-020-01-F-D SAMTEC-BTE-020-01-F-D Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A SAMTEC-BTE-020-01-F-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A-K SAMTEC-BTE-020-01-F-D-A-K Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A SAMTEC-BTE-020-01-L-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A-K SAMTEC-BTE-020-01-L-D-A-K Datasheet
652Kb / 3P
   .8mm DOUBLE ROW TERMINAL ASSEMBLY
More results

Similar Description - BTE2001G4C

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM6100G0CXS SENSORTECHNICS-BTEM6100G0CXS Datasheet
105Kb / 6P
   Submersible precision stainless steel transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com