Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS108 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS108
Description  4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS108 Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS108 Datasheet HTML 1Page - Texas Instruments SN65LVDS108 Datasheet HTML 2Page - Texas Instruments SN65LVDS108 Datasheet HTML 3Page - Texas Instruments SN65LVDS108 Datasheet HTML 4Page - Texas Instruments SN65LVDS108 Datasheet HTML 5Page - Texas Instruments SN65LVDS108 Datasheet HTML 6Page - Texas Instruments SN65LVDS108 Datasheet HTML 7Page - Texas Instruments SN65LVDS108 Datasheet HTML 8Page - Texas Instruments SN65LVDS108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
SN65LVDS104 ELECTRICAL CHARACTERISTICS
SN65LVDS104 SWITCHING CHARACTERISTICS
SN65LVDS104
SN65LVDS105
SLLS396F – SEPTEMBER 1999 – REVISED JANUARY 2005
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
VIT+
Positive-going differential input voltage threshold
100
See Figure 1 and Table 1
mV
VIT-
Negative-going differential input voltage threshold
–100
|VOD|
Differential output voltage magnitude
247
340
454
RL = 100 Ω, VID = ± 100 mV,
mV
Change in differential output voltage magnitude between logic
See Figure 1 and Figure 2
∆|V
OD|
–50
50
states
VOC(SS)
Steady-state common-mode output voltage
1.125
1.375
V
Change in steady-state common-mode output voltage be-
∆V
OC(SS)
See Figure 3
–50
50
mV
tween logic states
VOC(PP)
Peak-to-peak common-mode output voltage
25
150
mV
Enabled, RL = 100 Ω
23
35
mA
ICC
Supply current
Disabled
3
8
mA
VI = 0 V
–2
–11
–20
II
Input current (A or B inputs)
µA
VI = 2.4 V
–1.2
–3
II(OFF)
Power-off Input current
VCC = 1.5 V, VI = 2.4 V
20
µA
IIH
High-level input current (enables)
VIH = 2 V
20
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
10
µA
VOY or VOZ = 0 V
±10 mA
IOS
Short-circuit output current
VOD = 0 V
±10 mA
IOZ
High-impedance output current
VO = 0 V or 2.4 V
±1
µA
IO(OFF)
Power-off output current
VCC = 1.5 V, VO = 2.4 V
±1
µA
CIN
Input capacitance (A or B inputs)
VI = 0.4 sin (4E6πt) + 0.5 V
3
pF
VI = 0.4 sin (4E6πt) + 0.5 V,
CO
Output capacitance (Y or Z outputs)
9.4
pF
Disabled
(1)
All typical values are at 25
°C and with a 3.3-V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
tPLH
Propagation delay time, low-to-high-level output
2.4
3.2
4.2
ns
tPHL
Propagation delay time, high-to-low-level output
2.2
3.1
4.2
ns
tr
Differential output signal rise time
0.3
0.8
1.2
ns
RL = 100 Ω, CL = 10 pF,
See Figure 4
tf
Differential output signal fall time
0.3
0.8
1.2
ns
tsk(p)
Pulse skew (|tPHL - tPLH|)
150
500
ps
tsk(o)
Channel-to-channel output skew(2)
20
100
ps
tsk(pp)
Part-to-part skew(3)
1.5
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
7.2
15
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
8.4
15
ns
See Figure 5
tPHZ
Propagation delay time, high-level-to-high-impedance output
3.6
15
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
6
15
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
tsk(o) is the magnitude of the time difference between the tPLH or tPHL of all drivers of a single device with all of their inputs connected
together.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
4


Similar Part No. - SN65LVDS108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS108 TI1-SN65LVDS108 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS108DBT TI-SN65LVDS108DBT Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS108DBT TI1-SN65LVDS108DBT Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS108DBTG4 TI1-SN65LVDS108DBTG4 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
More results

Similar Description - SN65LVDS108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com