Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTE2002G4A Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # BTE2002G4A
Description  Precision stainless steel pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTE2002G4A Datasheet(HTML) 6 Page - Sensortechnics GmbH

  BTE2002G4A Datasheet HTML 1Page - Sensortechnics GmbH BTE2002G4A Datasheet HTML 2Page - Sensortechnics GmbH BTE2002G4A Datasheet HTML 3Page - Sensortechnics GmbH BTE2002G4A Datasheet HTML 4Page - Sensortechnics GmbH BTE2002G4A Datasheet HTML 5Page - Sensortechnics GmbH BTE2002G4A Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BTE2000 / PTE2000 Series
Precision stainless steel pressure transmitters
6/6
December 2008 / 098
www.sensortechnics.com
ORDERING INFORMATION
Part number
1...6 V output
4...20 mA output
Operating pressure
0 - 0.35 bar
0 - 1 bar
0 - 2 bar
0 - 5 bar
0 - 10 bar
0 - 20 bar
0 - 25 bar
0 - 35 bar
0 - 5 psig
0 - 15 psig
0 - 30 psig
0 - 100 psig
0 - 300 psig
0 - 500 psig
Connector version
BTEM2350G1A
BTE2001G1A
BTE2002G1A
BTE2005G1A
BTE2010G1A
BTE2020G1A
BTE2025G1A
BTE2035G1A
PTE2005G1A
PTE2015G1A
PTE2030G1A
PTE2100G1A
PTE2300G1A
PTE2500G1A
Cable version
BTEM2350G1C
BTE2001G1C
BTE2002G1C
BTE2005G1C
BTE2010G1C
BTE2020G1C
BTE2025G1C
BTE2035G1C
PTE2005G1C
PTE2015G1C
PTE2030G1C
PTE2100G1C
PTE2300G1C
PTE2500G1C
Connector version
BTEM2350G4A
BTE2001G4A
BTE2002G4A
BTE2005G4A
BTE2010G4A
BTE2020G4A
BTE2025G4A
BTE2035G4A
PTE2005G4A
PTE2015G4A
PTE2030G4A
PTE2100G4A
PTE2300G4A
PTE2500G4A
Cable version
BTEM2350G4C
BTE2001G4C
BTE2002G4C
BTE2005G4C
BTE2010G4C
BTE2020G4C
BTE2025G4C
BTE2035G4C
PTE2005G4C
PTE2015G4C
PTE2030G4C
PTE2100G4C
PTE2300G4C
PTE2500G4C
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Thread
Part No.
SFIT62
SFIT64
SFIT68
Male
T1
3/8 NPT
3/8 NPT
3/8 NPT
W
Hex
3/4
3/4
3/4
in.
1.27
1.45
1.45
D
in.
0.56/0.38
0.56
0.56
R
Maximum
working
pressure
(psig)
7200
7200
7200
mm.
14.2/9.7
14.2
14.2
mm.
32.3
37.0
37.0
Male
T2
1/8 NPT
1/4 NPT
1/8 BSP
OPTIONAL PIPE FITTING DRAWINGS
Material:
stainless steel 316
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.


Similar Part No. - BTE2002G4A

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BTE-020-01-F-D SAMTEC-BTE-020-01-F-D Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A SAMTEC-BTE-020-01-F-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-F-D-A-K SAMTEC-BTE-020-01-F-D-A-K Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A SAMTEC-BTE-020-01-L-D-A Datasheet
575Kb / 2P
   (2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
BTE-020-01-L-D-A-K SAMTEC-BTE-020-01-L-D-A-K Datasheet
652Kb / 3P
   .8mm DOUBLE ROW TERMINAL ASSEMBLY
More results

Similar Description - BTE2002G4A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM6100G0CXS SENSORTECHNICS-BTEM6100G0CXS Datasheet
105Kb / 6P
   Submersible precision stainless steel transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com