Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS9637DGNR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS9637DGNR
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS9637DGNR Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS9637DGNR Datasheet HTML 1Page - Texas Instruments SN65LVDS9637DGNR Datasheet HTML 2Page - Texas Instruments SN65LVDS9637DGNR Datasheet HTML 3Page - Texas Instruments SN65LVDS9637DGNR Datasheet HTML 4Page - Texas Instruments SN65LVDS9637DGNR Datasheet HTML 5Page - Texas Instruments SN65LVDS9637DGNR Datasheet HTML 6Page - Texas Instruments SN65LVDS9637DGNR Datasheet HTML 7Page - Texas Instruments SN65LVDS9637DGNR Datasheet HTML 8Page - Texas Instruments SN65LVDS9637DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
SN55LVDS32, SN65LVDS32, SN65LVDS3486, SN65LVDS9637
HIGHSPEED DIFFERENTIAL LINE RECEIVERS
SLLS262N − JULY 1997 − REVISED MARCH 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
High-level input voltage, VIH
G, G, 1,2EN, or 3,4EN
2
V
Low-level input voltage, VIL
G, G, 1,2EN, or 3,4EN
0.8
V
Magnitude of differential input voltage, |VID|
0.1
0.6
V
Common-mode input voltage, VIC (see Figure 1)
|V
ID
|
2
2.4
*
|V
ID
|
2
V
Common-mode input voltage, VIC (see Figure 1)
VCC − 0.8
V
Operating free-air temperature, TA
SN65 prefix
−40
85
°C
Operating free-air temperature, TA
SN55 prefix
−55
125
°C
Max at VCC = 3 V
Max at VCC > 3.15 V
Min
1
0.5
0
0
0.1
0.2
0.3
1.5
2
COMMON-MODE INPUT VOLTAGE RANGE
vs
DIFFERENTIAL INPUT VOLTAGE
2.5
0.4
0.5
0.6
VID − Differential Input Voltage − V
Figure 1. VIC Versus VID and VCC


Similar Part No. - SN65LVDS9637DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS9637DGNR TI-SN65LVDS9637DGNR Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637DGNR TI-SN65LVDS9637DGNR Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637DGNR TI-SN65LVDS9637DGNR Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637DGNRG4 TI-SN65LVDS9637DGNRG4 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637DGNRG4 TI-SN65LVDS9637DGNRG4 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDS9637DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com