Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTE2100G1C Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # PTE2100G1C
Description  Precision stainless steel pressure transmitters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTE2100G1C Datasheet(HTML) 5 Page - Sensortechnics GmbH

  PTE2100G1C Datasheet HTML 1Page - Sensortechnics GmbH PTE2100G1C Datasheet HTML 2Page - Sensortechnics GmbH PTE2100G1C Datasheet HTML 3Page - Sensortechnics GmbH PTE2100G1C Datasheet HTML 4Page - Sensortechnics GmbH PTE2100G1C Datasheet HTML 5Page - Sensortechnics GmbH PTE2100G1C Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTE2000 / PTE2000 Series
Precision stainless steel pressure transmitters
5/6
December 2008 / 098
www.sensortechnics.com
OUTLINE DRAWING
Connector version
Pin
1
2
3
4
1...6 V
+Vs
Vout
Case
-Vs
OUTPUT
4...20 mA
+Vs
NC
Case
-Vs
Cable version
Lead
color
bare
brown
white
green
yellow
4...20 mA
shield
+Vs
NC
NC
-Vs
1...6 V
shield
+Vs
NC
Vout
-Vs
OUTPUT
mass: typ. 190 g
mass: typ. 190 g
dimensions in mm (inches)
WARNING:
Do not use case to
tighten pressure connection
NOM 70.0
(2.76)
NOM 56.0
(2.20)
34.0
(1.34)
25.4
(1)
3/8"
NPT
WARNING
Do not touch
diaphragm
3
1
2
4
vent hole
WARNING:
Do not use case to
tighten pressure connection
NOM 73.0
(2.87)
34.0
(1.34)
25.4
(1)
NOM 56.0
(2.20)
3/8"
NPT
WARNING
Do not touch
diaphragm
1 m SHIELDED CABLE
4 x 0.25 mm²


Similar Part No. - PTE2100G1C

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
   MAGNETIC PROXIMITY SENSOR
PTE21321 CELDUC-PTE21321 Datasheet
745Kb / 3P
   MAGNETIC PROXIMITY SENSOR
More results

Similar Description - PTE2100G1C

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
BTEM6100G0CXS SENSORTECHNICS-BTEM6100G0CXS Datasheet
105Kb / 6P
   Submersible precision stainless steel transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com