Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSDX1000D4D Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # BSDX1000D4D
Description  Signal conditioned high precision pressure transducers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BSDX1000D4D Datasheet(HTML) 3 Page - Sensortechnics GmbH

  BSDX1000D4D Datasheet HTML 1Page - Sensortechnics GmbH BSDX1000D4D Datasheet HTML 2Page - Sensortechnics GmbH BSDX1000D4D Datasheet HTML 3Page - Sensortechnics GmbH BSDX1000D4D Datasheet HTML 4Page - Sensortechnics GmbH BSDX1000D4D Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BSDX Series
Signal conditioned high precision pressure transducers
3/5
February 2009 / 631
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
0.5 to 4.5 ratiometric output (V
S = 5.0 VDC, TA = 25°C)
All BSDX...R and BSDX0811BARO
All BSDX...D4D
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
t
s
e
w
o
l
t
a
t
e
s
f
f
O.
.
.
5
2
0
0
X
D
S
B
.
.
.
0
5
0
0
X
D
S
B
O
R
A
B
1
1
8
0
X
D
S
B
6
4
.
00
5
.
04
5
.
0
V
s
r
e
h
t
o
ll
a8
4
.
00
5
.
02
5
.
0
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
0
0
.
4
t
u
p
t
u
o
e
l
a
c
s
ll
u
F.
.
.
5
2
0
0
X
D
S
B
.
.
.
0
5
0
0
X
D
S
B
O
R
A
B
1
1
8
0
X
D
S
B
6
4
.
40
5
.
44
5
.
4
s
r
e
h
t
o
ll
a8
4
.
40
5
.
42
5
.
4
)
C
°
5
8
o
t
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
3
.
.
.
5
2
0
0
X
D
S
B
.
.
.
0
5
0
0
X
D
S
B
O
R
A
B
1
1
8
0
X
D
S
B
0
.
1
±
S
S
F
%
s
r
e
h
t
o
ll
a5
.
0
±
e
t
a
r
e
l
p
m
a
S0
0
1z
H
y
a
l
e
d
e
s
n
o
p
s
e
R
4
3
7
.
21
1
.
4
1s
m
p
e
t
s
n
o
i
t
a
z
i
t
n
a
u
Q
5
O
R
A
B
1
1
8
0
X
D
S
B5
V
m
s
r
e
h
t
o
ll
a2
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
6A
m
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
0
1
0
0
X
D
S
B
.
.
.
5
2
0
0
X
D
S
B
.
.
.
0
5
0
0
X
D
S
B
6
4
.
20
5
.
24
5
.
2
V
s
r
e
h
t
o
ll
a8
4
.
20
5
.
22
5
.
2
)
S
S
F
(
n
a
p
s
e
l
a
c
s
ll
u
F
2
0
0
.
4
t
u
p
t
u
Oe
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
x
a
m
t
a.
.
.
0
1
0
0
X
D
S
B
.
.
.
5
2
0
0
X
D
S
B
.
.
.
0
5
0
0
X
D
S
B
6
4
.
40
5
.
44
5
.
4
s
r
e
h
t
o
ll
a8
4
.
40
5
.
42
5
.
4
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
.
n
i
m
t
a.
.
.
0
1
0
0
X
D
S
B
.
.
.
5
2
0
0
X
D
S
B
.
.
.
0
5
0
0
X
D
S
B
6
4
.
00
5
.
04
5
.
0
s
r
e
h
t
o
ll
a8
4
.
00
5
.
02
5
.
0
)
C
°
5
8
o
t
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
3
.
.
.
0
1
0
0
X
D
S
B
.
.
.
5
2
0
0
X
D
S
B
.
.
.
0
5
0
0
X
D
S
B
0
.
1
±
S
S
F
%
s
r
e
h
t
o
ll
a5
.
0
±
e
t
a
r
e
l
p
m
a
S0
0
1z
H
y
a
l
e
d
e
s
n
o
p
s
e
R
4
3
7
.
21
1
.
4
1s
m
p
e
t
s
n
o
i
t
a
z
i
t
n
a
u
Q
5
2V
m
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
6A
m


Similar Part No. - BSDX1000D4D

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
BSD-1260-001AX LEDTRONICS-BSD-1260-001AX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-001BX LEDTRONICS-BSD-1260-001BX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-003AX LEDTRONICS-BSD-1260-003AX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-003BX LEDTRONICS-BSD-1260-003BX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-004AX LEDTRONICS-BSD-1260-004AX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
More results

Similar Description - BSDX1000D4D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com