Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMS101-C Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMS101-C
Description  DC-6GHz GaAs MMIC SPDT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMS101-C Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMS101-C Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMS101-C Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMS101-C Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMS101-C
DC-6GHz GaAs MMIC SPDT SWITCH
Specifications are subject to change without notice.
UPDATED 09/29/2008
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web:
Chip Outline
Dimensions indicated in um.
All bonding pads are 100umx100um.
Electrical Schematic
www.excelics.com
Revised September 2008
Switching Truth Table
1&2
3&4
IN-OUT1 IN-OUT2
0V
-5V
Low loss
Isolated
-5V
0V
Isolated
Low loss
Absolute maximum Rating
RF input power
31dBm
Operating temperature
-40
oC to +85oC
Storage temperature
-65
oC to 150oC
IN
3
T
1
OUT2
R
OUT1
T
4
R
2
Ground R: Reflective
Ground T: Terminated


Similar Part No. - EMS101-C

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMS101-P EXCELICS-EMS101-P Datasheet
49Kb / 2P
   DC-6GHz GaAs MMIC SPDT SWITCH
EMS101-P1 EXCELICS-EMS101-P1 Datasheet
51Kb / 2P
   DC - 6 GHz GaAs MMIC SPDT SWITCH
More results

Similar Description - EMS101-C

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMS101-P EXCELICS-EMS101-P Datasheet
49Kb / 2P
   DC-6GHz GaAs MMIC SPDT SWITCH
logo
Hexawave, Inc
HWS500_V6 HW-HWS500_V6_15 Datasheet
65Kb / 2P
   GaAs 0.5-6GHz SPDT Switch
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com