Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSDX0500D4D Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # BSDX0500D4D
Description  Signal conditioned high precision pressure transducers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BSDX0500D4D Datasheet(HTML) 5 Page - Sensortechnics GmbH

  BSDX0500D4D Datasheet HTML 1Page - Sensortechnics GmbH BSDX0500D4D Datasheet HTML 2Page - Sensortechnics GmbH BSDX0500D4D Datasheet HTML 3Page - Sensortechnics GmbH BSDX0500D4D Datasheet HTML 4Page - Sensortechnics GmbH BSDX0500D4D Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BSDX Series
Signal conditioned high precision pressure transducers
5/5
February 2009 / 631
www.sensortechnics.com
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
e
g
n
a
r
e
r
u
s
s
e
r
Pe
t
u
l
o
s
b
Ae
g
a
Ge
g
a
G
/
l
a
i
t
n
e
r
e
f
f
i
D
r
a
b
m
5
2
o
t
0-
R
4
D
5
2
0
0
X
D
S
B
r
a
b
m
0
5
o
t
0R
2
G
0
5
0
0
X
D
S
BR
4
D
0
5
0
0
X
D
S
B
r
a
b
m
0
0
1
o
t
0R
2
G
0
0
1
0
X
D
S
BR
4
D
0
0
1
0
X
D
S
B
r
a
b
m
0
5
2
o
t
0R
2
G
0
5
2
0
X
D
S
BR
4
D
0
5
2
0
X
D
S
B
r
a
b
m
0
0
5
o
t
0R
2
G
0
0
5
0
X
D
S
BR
4
D
0
0
5
0
X
D
S
B
r
a
b
m
0
0
1
1
o
t
0
0
8O
R
A
B
1
1
8
0
X
D
S
B-
-
r
a
b
1
o
t
0R
2
A
0
0
0
1
X
D
S
BR
2
G
0
0
0
1
X
D
S
BR
4
D
0
0
0
1
X
D
S
B
r
a
b
2
o
t
0R
2
A
0
0
0
2
X
D
S
BR
2
G
0
0
0
2
X
D
S
BR
4
D
0
0
0
2
X
D
S
B
r
a
b
5
o
t
0R
2
A
0
0
0
5
X
D
S
BR
2
G
0
0
0
5
X
D
S
BR
4
D
0
0
0
5
X
D
S
B
r
a
b
m
0
1
±
o
t
0
D
4
D
0
1
0
0
X
D
S
B
r
a
b
m
5
2
±
o
t
0
D
4
D
5
2
0
0
X
D
S
B
r
a
b
m
0
5
±
o
t
0
D
4
D
0
5
0
0
X
D
S
B
r
a
b
m
0
0
1
±
o
t
0
D
4
D
0
0
1
0
X
D
S
B
r
a
b
m
0
5
2
±
o
t
0
D
4
D
0
5
2
0
X
D
S
B
r
a
b
m
0
0
5
±
o
t
0
D
4
D
0
0
5
0
X
D
S
B
r
a
b
1
±
o
t
0
D
4
D
0
0
0
1
X
D
S
B
ELECTRICAL CONNECTIONS
BSDX...D4...
BSDX...G2R
BSDX...A2R,
BSDX...BARO
Other pressure ranges or calibrations are available on request
Note:
Pins 4, 5, 6, 7 and 8 are internal device
connections and should not be connected
for any reason!
Vs (pin 1)
identifier
Vs (pin 1)
identifier
Vs (pin 1)
identifier
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
+Vs
Vout
GND
N/C
+Vs
Vout
GND
N/C
+Vs
Vout
GND
N/C


Similar Part No. - BSDX0500D4D

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
BSD-1260-001AX LEDTRONICS-BSD-1260-001AX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-001BX LEDTRONICS-BSD-1260-001BX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-003AX LEDTRONICS-BSD-1260-003AX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-003BX LEDTRONICS-BSD-1260-003BX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
BSD-1260-004AX LEDTRONICS-BSD-1260-004AX Datasheet
320Kb / 1P
   0% to 100% Intensity Adjustable, Edison Screw Base Darkroom/Safelight LED Lamps
More results

Similar Description - BSDX0500D4D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com