Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS9637DGKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS9637DGKRG4
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS9637DGKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS9637DGKRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SN55LVDS32, SN65LVDS32, SN65LVDS3486, SN65LVDS9637
HIGHSPEED DIFFERENTIAL LINE RECEIVERS
SLLS262N − JULY 1997 − REVISED MARCH 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of ANSI
TIA/EIA-644 Standard
D Operate With a Single 3.3-V Supply
D Designed for Signaling Rate of up to
400 Mbps
D Differential Input Thresholds ±100 mV Max
D Typical Propagation Delay Time of 2.1 ns
D Power Dissipation 60 mW Typical Per
Receiver at 200 MHz
D Bus-Terminal ESD Protection Exceeds 8 kV
D Low-Voltage TTL (LVTTL) Logic Output
Levels
D Pin Compatible With AM26LS32, MC3486,
and
µA9637
D Open-Circuit Fail-Safe
description
The
SN55LVDS32,
SN65LVDS32,
SN65LVDS3486,
and
SN65LVDS9637
are
differential line receivers that implement the
electrical characteristics of low-voltage differential
signaling (LVDS). This signaling technique lowers
the output voltage levels of 5-V differential
standard levels (such as EIA/TIA-422B) to reduce
the power, increase the switching speeds, and
allow operation with a 3.3-V supply rail. Any of the
four differential receivers provides a valid logical
output state with a
±100-mV differential input
voltage within the input common-mode voltage
range. The input common-mode voltage range
allows 1 V of ground potential difference between
two LVDS nodes.
The intended application of these devices and
signaling technique is both point-to-point and
multidrop (one driver and multiple receivers) data
transmission over controlled impedance media of
approximately 100
Ω. The transmission media
may be printed-circuit board traces, backplanes,
or cables. The ultimate rate and distance of
data
transfer
depends
on
the
attenuation
characteristics of the media and the noise
coupling to the environment.
The
SN65LVDS32,
SN65LVDS3486,
and
SN65LVDS9637 are characterized for operation
from − 40
°C to 85°C. The SN55LVDS32 is
characterized for operation from − 55
°C to 125°C.
Copyright
 1997 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
4A
4Y
NC
G
3Y
1Y
G
NC
2Y
2A
SN55LVDS32FK
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
SN55LVDS32 ...J OR W
SN65LVDS32 ...D OR PW
(Marked as LVDS32 or 65LVDS32)
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
1,2EN
2Y
2A
2B
GND
VCC
4B
4A
4Y
3,4EN
3Y
3A
3B
SN65LVDS3486D (Marked as LVDS3486)
(TOP VIEW)
1
2
3
4
8
7
6
5
VCC
1Y
2Y
GND
1A
1B
2A
2B
SN65LVDS9637D (Marked as DK637 or LVDS37)
SN65LVDS9637DGN (Marked as L37)
SN65LVDS9637DGK (Marked as AXF)
(TOP VIEW)
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - SN65LVDS9637DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS9637DGKRG4 TI-SN65LVDS9637DGKRG4 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637DGKRG4 TI-SN65LVDS9637DGKRG4 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637DGKRG4 TI-SN65LVDS9637DGKRG4 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDS9637DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com