Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL03-48S15W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PDL03-48S15W
Description  3 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL03-48S15W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PDL03-48S15W Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL03-48S15W Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL03-48S15W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 1 of 3 Issued Date:2009/02/10
PDL03-24S05W Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE(℃)
71
PDL03-24S05W
Efficiency VS Input Voltage
60%
65%
70%
75%
80%
85%
9
1215
182124273033
36
INPUT VOLTAGE (V)
PDL03-24S05W
Efficiency VS Output Load
40
45
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
PDL03-12S3P3W 4.5 – 18 VDC
3.3 VDC
0mA
700mA
30 mVp-p
35 mA
285 mA
74
1760uF
PDL03-12S05W 4.5 – 18 VDC
5 VDC
0mA
600mA
30 mVp-p
40 mA
338 mA
78
1000uF
PDL03-12S09W 4.5 – 18 VDC
9 VDC
0mA
333mA
30 mVp-p
40 mA
333 mA
79
470uF
PDL03-12S12W 4.5 – 18 VDC
12 VDC
0mA
250mA
30 mVp-p
40 mA
329 mA
80
170uF
PDL03-12S15W 4.5 – 18 VDC
15 VDC
0mA
200mA
30 mVp-p
40 mA
329 mA
80
110uF
PDL03-12D05W 4.5 – 18 VDC
±5 VDC
0mA
±300mA
30 mVp-p
40 mA
329 mA
80
±470uF
PDL03-12D12W 4.5 – 18 VDC
±12 VDC
0mA
±125mA
30 mVp-p
40 mA
329 mA
80
±100uF
PDL03-12D15W 4.5 – 18 VDC
±15 VDC
0mA
±100mA
30 mVp-p
40 mA
329 mA
80
±47uF
PDL03-24S3P3W
9 – 36 VDC
3.3 VDC
0mA
700mA
30 mVp-p
20mA
140mA
75
1760uF
PDL03-24S05W
9 – 36 VDC
5 VDC
0mA
600mA
30 mVp-p
20mA
165mA
80
1000uF
PDL03-24S09W
9 – 36 VDC
9 VDC
0mA
333mA
30 mVp-p
19mA
165mA
80
470uF
PDL03-24S12W
9 – 36 VDC
12 VDC
0mA
250mA
30 mVp-p
20mA
160mA
82
170uF
PDL03-24S15W
9 – 36 VDC
15 VDC
0mA
200mA
30 mVp-p
19mA
160mA
82
110uF
PDL03-24D05W
9 – 36 VDC
±5 VDC
0mA
±300mA
30 mVp-p
25mA
167mA
79
±470uF
PDL03-24D12W
9 – 36 VDC
±12 VDC
0mA
±125mA
30 mVp-p
25mA
162mA
81
±100uF
PDL03-24D15W
9 – 36 VDC
±15 VDC
0mA
±100mA
30 mVp-p
25mA
162mA
81
±47uF
PDL03-48S3P3W 18 – 75 VDC
3.3 VDC
0mA
700mA
30 mVp-p
12mA
71mA
74
1760uF
PDL03-48S05W
18 – 75 VDC
5 VDC
0mA
600mA
30 mVp-p
12mA
82mA
80
1000uF
PDL03-48S09W
18 – 75 VDC
9 VDC
0mA
333mA
30 mVp-p
13mA
82mA
80
470uF
PDL03-48S12W
18 – 75 VDC
12 VDC
0mA
250mA
30 mVp-p
14mA
81mA
81
170uF
PDL03-48S15W
18 – 75 VDC
15 VDC
0mA
200mA
30 mVp-p
14mA
81mA
81
110uF
PDL03-48D05W
18 – 75 VDC
±5 VDC
0mA
±300mA
30 mVp-p
14mA
84mA
79
±470uF
PDL03-48D12W
18 – 75 VDC
±12 VDC
0mA
±125mA
30 mVp-p
14mA
81mA
81
±100uF
PDL03-48D15W
18 – 75 VDC
±15 VDC
0mA
±100mA
30 mVp-p
14mA
81mA
81
±47uF
Note
1.BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment)
2.Maximum value at nominal input voltage and full load.
3.Typical value at nominal input voltage and no load.
4.Typical value at nominal input voltage and full load.
5.Test by minimum Vin and constant resistive load.
6.The PDL03W series meet EN55022 Class A and input reflected ripple current with external L-C filter before the input pins to the converter. (Connect
networks following Class B figure.)
Recommend: 12 Vin : C1=4.7uF/25V 1210 MLCC.
L1=2.2uH 0504 SMD Inductor P/N:PMT-059
24 Vin : C1=2.2μF/50V 1210 MLCC.
L1=10μH 0504 SMD Inductor P/N:PMT-047.
48 Vin : C1=2.2μF/100V 1210 MLCC. L1=10μH 0504 SMD Inductor P/N:PMT-047.
7.An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 100μF/100V, ESR 110mΩ.


Similar Part No. - PDL03-48S15W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PDL03-48S15W RSG-PDL03-48S15W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PDL03-48S15W P-DUKE-PDL03-48S15W Datasheet
333Kb / 4P
   DC-DC CONVERTER
PDL03-48S15W P-DUKE-PDL03-48S15W Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
More results

Similar Description - PDL03-48S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TEM03-05S33 P-DUKE-TEM03-05S33 Datasheet
280Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
LANEUW3 WALL-LANEUW3 Datasheet
300Kb / 5P
   3 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com