Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSWM350DH-PCB Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # BSWM350DH-PCB
Description  Solid state pressure switch with analog output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BSWM350DH-PCB Datasheet(HTML) 4 Page - Sensortechnics GmbH

  BSWM350DH-PCB Datasheet HTML 1Page - Sensortechnics GmbH BSWM350DH-PCB Datasheet HTML 2Page - Sensortechnics GmbH BSWM350DH-PCB Datasheet HTML 3Page - Sensortechnics GmbH BSWM350DH-PCB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BSW Series
Solid state pressure switch with analog output
4/4
March 2001 / 016
www.sensortechnics.com
ORDERING INFORMATION
Part number
Package version
Pressure range
Differential/Gage devices
0 - 70 mbar
0 - 350 mbar
0 - 1 bar
0 - 2 bar
0 - 5 bar
0 - 10 bar
Absolute devices
0 - 1 bar
0 - 2 bar
0 - 5 bar
Side facing ports
BSWM070DV-PCB
BSWM350DV-PCB
BSW001DV-PCB
BSW002DV-PCB
BSW005DV-PCB
BSW010DV-PCB
BSW001AV-PCB
BSW002AV-PCB
BSW005AV-PCB
Top facing ports
BSWM070DH-PCB
BSWM350DH-PCB
BSW001DH-PCB
BSW002DH-PCB
BSW005DH-PCB
BSW010DH-PCB
BSW001AH-PCB
BSW002AH-PCB
BSW005AH-PCB
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
HYSTERESIS AND SWITCH POINT SETTING
Function
Hysteresis
Switching point
Change per scale unit
≈ 0.9 %FS
≈ 7.3 %FS


Similar Part No. - BSWM350DH-PCB

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BSW-102-04-G-D-S SAMTEC-BSW-102-04-G-D-S Datasheet
220Kb / 1P
   BOTTOM MOUNT STRIPS
BSW-102-04-G-E-S SAMTEC-BSW-102-04-G-E-S Datasheet
220Kb / 1P
   BOTTOM MOUNT STRIPS
BSW-102-04-G-M-S SAMTEC-BSW-102-04-G-M-S Datasheet
220Kb / 1P
   BOTTOM MOUNT STRIPS
BSW-102-04-G-S-S SAMTEC-BSW-102-04-G-S-S Datasheet
220Kb / 1P
   BOTTOM MOUNT STRIPS
BSW-102-04-S-D-S SAMTEC-BSW-102-04-S-D-S Datasheet
220Kb / 1P
   BOTTOM MOUNT STRIPS
More results

Similar Description - BSWM350DH-PCB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D8M-D1 OMRON-D8M-D1 Datasheet
401Kb / 6P
   Solid State Pressure Sensors with Analog, Pulse or Frequency Outputs
D8M OMRON-D8M Datasheet
734Kb / 6P
   Solid State Pressure Sensors
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
   Solid State Pressure Sensors
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70002 TOKO-TK70002 Datasheet
56Kb / 7P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70003 TOKO-TK70003 Datasheet
56Kb / 7P
   SINGLE OUTPUT, TWO INPUT SOLID STATE SWITCH
logo
Shenzhen Huazhimei Semi...
HM254 HMSEMI-HM254 Datasheet
1Mb / 10P
   Solid state switch
logo
List of Unclassifed Man...
SS466A ETC-SS466A Datasheet
85Kb / 1P
   SOLID STATE SWITCH
VX80 ETC2-VX80 Datasheet
348Kb / 8P
   SWITCH - SOLID STATE
SS443A ETC-SS443A Datasheet
88Kb / 1P
   SOLID STATE SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com