Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LED15-24S12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # LED15-24S12
Description  15 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LED15-24S12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  LED15-24S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD LED15-24S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD LED15-24S12 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/05/21
INPUT SPECIFICATIONS
Input voltage range
24V nominal input
48V nominal input
18-36VDC
36-75VDC
Input surge voltage
100mS max
24V input
48V input
50VDC
100VDC
Input reflected ripple current
12uH source impedance
(πfilter with 220μF & 33μF)
30mAp-p,Typ.
Start up time
Nominal Vin
Constant resistive
load
Power up
RemoteON/OFF
30mS, max.
30mS, max.
Start-up voltage
24V input
48V input
17VDC
33VDC
Shutdown voltage
24V input
48V input
14.5VDC
30.5VDC
Remote ON/OFF (Note 7)
Positive logic(Option)
Negative logic(Standard)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Open or 3V < Vr < 15V
Short or - 0.7V < Vr < 1.2V
Short or - 0.7V < Vr < 1.2V
Open or 3V < Vr < 15V
Input current of remote control pin
Nominal Vin
-0.5mA ~ 1.0mA
Remote off state input current
Nominal Vin
20mA,Max
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature (Note
8)
-40℃ to +85℃ (with derating)
Storage temperature range
-55℃ to +125℃
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 9)
EN55022
Class A
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient (Note
10)
EN61000-4-4
±
2KV Perf. Criteria B
Surge (Note 10)
EN61000-4-5
±
1KV Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
15Watts max
Voltage accuracy
±1%
Minimum load
0%
Voltage adjustability (Note 6)
±10%
Line regulation
LL to HL at Full Load
±0.2%
Load regulation
No Load to Full Load
±0.2%
Ripple and noise
20MHz bandwidth
(Measured with a 1μF
M/C and a 10μF T/C)
5V,3.3V
15V,12V
See table
Temperature coefficient
±0.02%/℃
25% load step change
Transient response recovery time
Δ
Io/Δt=0.1A/us
300μS
Over voltage protection
(Voltage clamped)
3.3V output
5V output
12V output
15V output
3.7VDC-5.4VDC
5.6VDC-7.0VDC
13.5VDC-19.6VDC
16.8VDC-20.5VDC
Output load protection
150%, max.
Short circuit protection
Hiccup & Automatics recovery
Output voltage overshoot
3%
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
2250Vdc, min.
Isolation resistance
10MΩ, min.
Isolation capacitance
1000pF, Typ.
Switching frequency
5V,3.3V
15V,12V
270KHz, Typ.
470KHz, Typ.
Approvals and standard
IEC60950-1,UL60950-1,EN60950-1
Dimensions
1.10 X 0.94 X 0.34 Inch
(27.9 X 23.9 X 8.5 mm)
Weight
10.5g(0.36oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
2.200x10
6hrs
1.314x10
6hrs
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
15 WATTS MAXIMUM OUTPUT POWER
SINGLE OUTPUT UP TO 3.5A
SMALL SIZE AND LOW PROFILE:1.10 x 0.94 x 0.34 INCH
HIGH EFFICIENCY UP TO 88%
2:1 WIDE INPUT VOLTAGE RANGE
FIXED SWITCHING FREQUENCY
INPUT TO OUTPUT ISOLATION (BASIC INSULATION)
INDUSTRY STANDARD PIN-OUT FEC15 SERIES COMPATIBLE
SURFACE-MOUNT OR THROUGH-HOLE
COST EFFICIENT OPEN FRAME DESIGN
-40 to
+85℃ WIDE OPERATING TEMPERATURE
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
Positive logic Remote On/Off, SMD type, Without trim, without On/Off pin
DESCRIPTION
LED15 single output DC/DC converters provide up to 15 watts of output power in an
industry standard package and footprint. All models feature a wide input range,
comprehensively protected against over-current, over-voltage and input
under-voltage protection conditions, and trimmable output voltage.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - LED15-24S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LED15-24S12 P-DUKE-LED15-24S12 Datasheet
580Kb / 3P
   DC-DC CONVERTER
LED15-24S12W P-DUKE-LED15-24S12W Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPU POWER
LED15-24S12W P-DUKE-LED15-24S12W Datasheet
577Kb / 3P
   DC-DC CONVERTER
logo
Astrodyne Corporation
LED15-24S12W ASTRODYNE-LED15-24S12W Datasheet
595Kb / 4P
   Isolated and Regulated 15 Watt Open Frame DC/DC Converters
More results

Similar Description - LED15-24S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LCD15-12S3P3 P-DUKE-LCD15-12S3P3 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
logo
Power Mate Technology C...
LCD15-24S3P3W P-DUKE-LCD15-24S3P3W Datasheet
327Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3W P-DUKE-LED15-24S3P3W Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPU POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com