Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC12-48S15 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # FKC12-48S15
Description  12 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC12-48S15 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  FKC12-48S15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC12-48S15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC12-48S15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VER:11 Page 3 of 3 Issued Date:2008/05/21
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as
follows:
C1
C2
C3
C4
L1
FKC12-
12xxx
3.3μF/50V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
325μH
Common
Choke
PMT-050
FKC12-
24xxx
4.7μF/50V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
325μH
Common
Choke
PMT-050
FKC12-
48xxx
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
1000pF/2KV
MLCC
1000pF/2KV
MLCC
325μH
Common
Choke
PMT-050
Recommended EN55022 Class B Filter Circuit Layout
DIP PIN CONNECTION
PIN
SINGLE
DUAL
1
CTRL
CTRL
2
- INPUT
- INPUT
3
- INPUT
- INPUT
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
9
NC
COMMON
16
- OUTPUT COMMON
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
SMD PIN CONNECTION
PIN
SINGLE
DUAL
1
CTRL
CTRL
2
- INPUT
- INPUT
3
- INPUT
- INPUT
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
9
NC
COMMON
16
- OUTPUT COMMON
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
Others
NC
NC
Others
NC
NC
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)


Similar Part No. - FKC12-48S15

ManufacturerPart #DatasheetDescription
logo
Make-Ps
FKC12-48S15 MAKE-PS-FKC12-48S15 Datasheet
602Kb / 3P
   Single & Dual Output DC/DC Converter
logo
Power Mate Technology C...
FKC12-48S15 P-DUKE-FKC12-48S15 Datasheet
535Kb / 4P
   DC-DC CONVERTER
FKC12-48S15 P-DUKE-FKC12-48S15 Datasheet
515Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 12 Watts
FKC12-48S15W P-DUKE-FKC12-48S15W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
logo
Make-Ps
FKC12-48S15W MAKE-PS-FKC12-48S15W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
More results

Similar Description - FKC12-48S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
logo
Artesyn Technologies
DA12-120US-M ARTESYN-DA12-120US-M Datasheet
2Mb / 6P
   Total Power: 12 Watts
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
Wall Industries,Inc.
DTA12-Y WALL-DTA12-Y Datasheet
145Kb / 2P
   10-12 Watts Single Output AC/DC Desktop Power Supply
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
   30 WATTS OUTPUT POWER
logo
List of Unclassifed Man...
FDC05 ETC1-FDC05 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com