Electronic Components Datasheet Search |
|
SN75176BDRG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN75176BDRG4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 18 page SN65176B, SN75176B DIFFERENTIAL BUS TRANSCEIVERS SLLS101D – JULY 1985 – REVISED APRIL 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DRIVER SECTION electrical characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS† MIN TYP‡ MAX UNIT VIK Input clamp voltage II = –18 mA –1.5 V VO Output voltage IO = 0 0 6 V |VOD1| Differential output voltage IO = 0 1.5 3.6 6 V |VOD2| Differential output voltage RL = 100 Ω, See Figure 1 1/2 VOD1 or 2¶ V OD2 g RL = 54 Ω, See Figure 1 1.5 2.5 5 VOD3 Differential output voltage See Note 5 1.5 5 V ∆|VOD| Change in magnitude RL =54 Ω or 100 Ω See Figure 1 ±02 V ∆|VOD| gg of differential output voltage§ RL = 54 Ω or 100 Ω, See Figure 1 ±0.2 V VOC Common mode output voltage RL =54 Ω or 100 Ω See Figure 1 +3 V VOC Common-mode output voltage RL = 54 Ω or 100 Ω, See Figure 1 –1 V ∆|VOC| Change in magnitude RL =54 Ω or 100 Ω See Figure 1 ±02 V ∆|VOC| gg of common-modeoutput voltage§ RL = 54 Ω or 100 Ω, See Figure 1 ±0.2 V IO Output current Output disabled, VO = 12 V 1 mA IO Output current , See Note 6 VO = –7 V –0.8 mA IIH High-level input current VI = 2.4 V 20 µA IIL Low-level input current VI = 0.4 V –400 µA VO = –7V –250 IOS Short circuit output current VO = 0 –150 mA IOS Short-circuit output current VO = VCC 250 mA VO = 12 V 250 ICC Supply current (total package) No load Outputs enabled 42 70 mA ICC Supply current (total package) No load Outputs disabled 26 35 mA † The power-off measurement in ANSI Standard TIA/EIA-422-B applies to disabled outputs only and is not applied to combined inputs and outputs. ‡ All typical values are at VCC = 5 V and TA = 25°C. § ∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low level. ¶ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater. NOTES: 5. See ANSI Standard TIA/EIA-485-A, Figure 3.5, Test Termination Measurement 2. 6. This applies for both power on and off; refer to ANSI Standard TIA/EIA-485-A for exact conditions. The TIA/EIA-422-B limit does not apply for a combined driver and receiver terminal. switching characteristics, VCC = 5 V, RL = 110 Ω, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT td(OD) Differential-output delay time RL = 54 Ω, See Figure 3 15 22 ns tt(OD) Differential-output transition time RL = 54 Ω, See Figure 3 20 30 ns tPZH Output enable time to high level See Figure 4 85 120 ns tPZL Output enable time to low level See Figure 5 40 60 ns tPHZ Output disable time from high level See Figure 4 150 250 ns tPLZ Output disable time from low level See Figure 5 20 30 ns |
Similar Part No. - SN75176BDRG4 |
|
Similar Description - SN75176BDRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |