Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWM3201CR Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # AWM3201CR
Description  Mass flow sensor for gases
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AWM3201CR Datasheet(HTML) 4 Page - Sensortechnics GmbH

  AWM3201CR Datasheet HTML 1Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 2Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 3Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 4Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 5Page - Sensortechnics GmbH AWM3201CR Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
June 2006 / 582
www.sensortechnics.com
AWM3000 Series
Mass flow sensor for gases
OUTPUT FLOW VS INTERCHANGEABILITY
V
S = 10 ±0.01 V, TA = 25°C
OUTPUT CURVES
13
13
12


Similar Part No. - AWM3201CR

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AWM-12P ASS-AWM-12P Datasheet
256Kb / 1P
   KIT, ATM SERIES, 12 POSITION, RECEPTACLE, CONTACTS, AND WEDGELOCK
Rev. A
AWM-2P ASS-AWM-2P Datasheet
40Kb / 1P
   P-WEDGELOCK, 2 POSITION, ATM SERIES
Rev. A3
AWM-2P ASS-AWM-2P Datasheet
107Kb / 1P
   KIT, ATM SERIES, 2 POSITION RECEPTACLE, CONTACTS, AND WEDGELOCK
Rev. A
AWM-2P ASS-AWM-2P Datasheet
203Kb / 1P
   KIT, ATM SERIES, 2 POSITION PLUG, RECEPTACLE, CONTACTS, AND WEDGELOCKS
Rev. A
AWM-2S ASS-AWM-2S Datasheet
55Kb / 1P
   S-WEDGELOCK, 2 POSITION, ATM SERIES
Rev. A3
More results

Similar Description - AWM3201CR

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM92100V SENSORTECHNICS-AWM92100V Datasheet
162Kb / 6P
   Mass flow sensor for gases
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
   Mass flow sensor for gases
AWM720P1 SENSORTECHNICS-AWM720P1 Datasheet
81Kb / 4P
   Mass flow sensor for gases
AWM42300V SENSORTECHNICS-AWM42300V Datasheet
198Kb / 6P
   Mass flow sensor for gases
AWM43300V SENSORTECHNICS-AWM43300V Datasheet
109Kb / 4P
   Mass flow sensor for gases
FHAL200DU SENSORTECHNICS-FHAL200DU Datasheet
88Kb / 4P
   Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
   Mass flow sensors for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
   Mass flow sensors for gases
FDUM200DB SENSORTECHNICS-FDUM200DB Datasheet
163Kb / 6P
   Mass flow sensors for gases
FMOL001DB SENSORTECHNICS-FMOL001DB Datasheet
127Kb / 6P
   Mass flow sensors for gases
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com