Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEC100-48S05 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # HEC100-48S05
Description  100 WATTS MAXIMUM OUTPUT POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HEC100-48S05 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  HEC100-48S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD HEC100-48S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD HEC100-48S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD HEC100-48S05 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4 Issued Date:2008/05/21
Single Output :
Dual Output :
PRODUCT OPTIONS TABLE
Option
Suffix
Negative remote ON/OFF logic, 0.20” pin length (standard)
-
Negative remote ON/OFF logic, 0.145” pin length
-L
Negative remote ON/OFF logic, 0.11” pin length
-K
Positive remote ON/OFF logic, 0.20” pin length
-P
Positive remote ON/OFF logic, 0.145” pin length
-S
Positive remote ON/OFF logic, 0.11” pin length
-M
PRODUCT OPTIONS TABLE
Option
Suffix
Positive remote ON/OFF logic, PIN 5,6,8,9 DIM 0.08”
-
Positive remote ON/OFF logic, PIN 5,6,8,9 DIM 0.04”
-Y
Negative remote ON/OFF logic, PIN 5,6,8,9 DIM 0.08”
-N
Negative remote ON/OFF logic, PIN 5,6,8,9 DIM 0.08”
-Z
Pin 1,2,3,4,6,7,8. DIA. 0.040 (1.02mm)
Pin 5,9. DIA. 0.080 (2.03mm)
All dimensions in inches (mm)
Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
Pin pitch tolerance ±0.01 (0.25)
Pin dimension tolerance ±0.004(0.1)
Output can be externally trimmed by
using the method shown below.
7
8
TRIM UP
RU
6
7
TRIM DOWN
RD
EXTERNAL OUTPUT
PIN
Define
1
- INPUT
2
CASE
3
CTRL
4
+ INPUT
5
- OUTPUT
6
- SENSE
Diameter
0.04 Inches
0.04 Inches
0.04 Inches
0.04 Inches
0.08 Inches
0.04 Inches
7
TRIM
0.04 Inches
8
+ SENSE
0.04 Inches
9
+ OUTPUT
0.08 Inches
PIN CONNECTION
Example:HEC100-48S3P3-P
Pin 1,2,3,4,7,10. DIA. 0.040 (1.02mm)
Pin 5,6,8,9. DIA. 0.080 (2.03mm)
All dimensions in inches (mm)
Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
Pin pitch tolerance ±0.01 (0.25)
Pin dimension tolerance ±0.004(0.1)
9(6)
10(7)
TRIM UP
8(5)
10(7)
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
( ) for V2 output trim
RU
RD
EXTERNAL OUTPUT TRIMMING
PIN
Define
1
- INPUT
2
CASE
3
CTRL
4
+ INPUT
5
+ V 2
6
- V 2 (COM)
Diameter
0.04 Inches
0.04 Inches
0.04 Inches
0.04 Inches
0.08 Inches
0.08 Inches
7
V2 TRIM
0.04 Inches
8
+ V 1
0.08 Inches
9
- V 1 (COM)
0.08 Inches
10
V1 TRIM
0.04 Inches
PIN CONNECTION
Example:HEC100-48D3305-N


Similar Part No. - HEC100-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HEC100-48S05 P-DUKE-HEC100-48S05 Datasheet
2Mb / 3P
   100 WATTS DC-DC CONVERTER
More results

Similar Description - HEC100-48S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB100-24S3P3 P-DUKE-QEB100-24S3P3 Datasheet
313Kb / 4P
   100 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com