Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

144SU30A-PCB Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # 144SU30A-PCB
Description  Signal conditioned precision pressure transducers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

144SU30A-PCB Datasheet(HTML) 4 Page - Sensortechnics GmbH

  144SU30A-PCB Datasheet HTML 1Page - Sensortechnics GmbH 144SU30A-PCB Datasheet HTML 2Page - Sensortechnics GmbH 144SU30A-PCB Datasheet HTML 3Page - Sensortechnics GmbH 144SU30A-PCB Datasheet HTML 4Page - Sensortechnics GmbH 144SU30A-PCB Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
144S...-PCB Series
Signal conditioned precision pressure transducers
4/5
January 2005 / 005
www.sensortechnics.com
OUTLINE DRAWING
mass: 20 g
dimensions mm
32.0
3.5 diam.
2 x mounting holes
Port A3
30.0
offset
adjust
Port B
high pressure port
2
+Vs
-Vs
Vout
3 terminals
0.56 diam.
14.0
9.1
NOM 6.0
12.6
span
adjust
OUTPUT CHARACTERISTICS
Standard versions
Barometric versions
20
0
1
2
3
full scale pressure
40
60
80
100%
4
Vout
V
5
15
0 800
12
1000
900
13
14
1
2
3
1100 mbar
16 psia
Vout
V
4
5


Similar Part No. - 144SU30A-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SU30A-PCB SENSORTECHNICS-144SU30A-PCB Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SU30A-PCB SENSORTECHNICS-144SU30A-PCB Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
More results

Similar Description - 144SU30A-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com