Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAE100-24S15 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # HAE100-24S15
Description  OUTPUT CURRENT UP TO 25A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE100-24S15 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  HAE100-24S15 Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE100-24S15 Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE100-24S15 Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE100-24S15 Datasheet HTML 4Page - Power Mate Technology Co., LTD HAE100-24S15 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5 Issued Date:2009/01/13
Mechanical Drawing
Product Option
Product option
Suffix
Product option
Suffix
0.20” pin length
-
H= 0.24” Vertical
7G-0023A-F
- HS2
0.145” pin length
- L
H= 0.45” Vertical
7G-0021A-F
- HS
Negative remote ON/OFF logic
0.11” pin length
- K
H= 0.24” Horizontal 7G-0022A-F
- HS1
0.20” pin length
- P
Heat-sink
H= 0.45” Horizontal 7G-0024A-F
- HS3
0.145” pin length
- S
Without EMC filter
- T
Positive remote ON/OFF logic
0.11” pin length
- M
Terminal Block
With EMC filter
- TF
Heat Sink Type (Suffix-HS)
Vertical Fin Orientation
Horizontal Fin Orientation
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using
the method shown below.
7
8
TRIM UP
6
7
TRIM DOWN
RU
RD
PIN CONNECTION
PIN
Define
Diameter
1
- INPUT
0.04 Inches
2
CASE
0.04 Inches
3
CTRL
0.04 Inches
4
+ INPUT
0.04 Inches
5
- OUTPUT
0.08 Inches
6
- SENSE
0.04 Inches
7
TRIM
0.04 Inches
8
+ SENSE
0.04 Inches
9
+ OUTPUT
0.08 Inches
1. Pin 1,2,3,4,6,7,8. DIA. 0.040 (1.02mm)
Pin 5,9. DIA. 0.080 (2.03mm)
2. All dimensions in inches (mm)
3. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
4. Pin pitch tolerance ±0.01 (0.25)
5. Pin dimension tolerance ±0.004(0.1)


Similar Part No. - HAE100-24S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE100-24S15 P-DUKE-HAE100-24S15 Datasheet
576Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE100-24S15W P-DUKE-HAE100-24S15W Datasheet
725Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE100-24S15

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
logo
Lineage Power Corporati...
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
   36 to 75 Vdc Input; Single Output up to 25A
NXA025A0X-SZ LINEAGEPOWER-NXA025A0X-SZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
logo
Delta Electronics, Inc.
THNR1115 DELTA-THNR1115 Datasheet
247Kb / 1P
   High current ( Isat up to 25A ), though hole type
logo
Microsemi Corporation
679 MICROSEMI-679_10 Datasheet
807Kb / 3P
   Current ratings to 25A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com