Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

144SU150D-PCB Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 144SU150D-PCB
Description  Signal conditioned precision pressure transducers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

144SU150D-PCB Datasheet(HTML) 3 Page - Sensortechnics GmbH

  144SU150D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 144SU150D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 144SU150D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 144SU150D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 144SU150D-PCB Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
144S...-PCB Series
Signal conditioned precision pressure transducers
3/5
January 2005 / 005
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
BAROMETRIC DEVICES8
(unless otherwise noted V
S = 8 V, RL > 100 kΩ
Ω, t
amb = 25°C)
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
The output signal of all 144S...D-PCB devices is proportional to the pressure applied to port B, relative to port A, e.g. the
output signal increases when vacuum is applied to port A relative to port B.
The output signal of all 144S...A-PCB and 144SC...BARO devices is proportional to the pressure applied to port A.
Full scale span is the algebraic difference between the positive full scale output and the zero pressure offset.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full scale pressure and 1/2 full scale pressure.
Thermal effects tested and guaranteed from 0 to 70°C relative to 25°C. All specifications shown are relative to 25°C.
Change in output after one year or 1 million pressure cycles.
These devices are factory calibrated at sea level. When used at other altitudes the output signal differs from the reading
expected when comparing to the pressure given from your local weather station. The weather station always reports the pressure
compared to sea level. On that the output signal of the transducer will change 65mV/0.052 psi per 100 feet e.g. 19.7mV/1.18
mbar per 10 m change in altitude. The output signal can be adjusted to sea level reading by turning the offset trimmer.
Thermal effects refer to the combined effects of offset and sensitivity shifts, this is true from -10 to 60°C relative to 25°C.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
s
e
g
n
a
r
e
r
u
s
s
e
r
p
g
n
it
a
r
e
p
O
3
O
R
A
B
1
1
8
0
C
S
4
4
10
0
80
0
1
1r
a
b
m
O
R
A
B
6
1
2
1
C
S
4
4
12
16
1a
i
s
p
e
r
u
s
s
e
r
p
d
e
if
i
c
e
p
s
t
s
e
w
o
l
t
a
n
o
it
a
r
b
il
a
c
t
e
s
ff
O
5
0
.
0
-0
5
0
.
0
V
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
5
9
.
40
.
55
0
.
5
s
i
s
e
r
e
t
s
y
h
d
n
a
y
ti
r
a
e
n
il
-
n
o
N
5
5
0
.
01
.
0
O
S
F
%
y
ti
li
b
a
t
s
m
r
e
t
g
n
o
L
7
1
.
0
)
C
°
0
6
o
t
0
1
-
(
s
t
c
e
ff
e
l
a
m
r
e
h
T
9
5
0
.
03
.
0C
°
0
1
/
O
S
F
%
)
%
0
9
o
t
0
1
(
e
m
it
e
s
n
o
p
s
e
R
1s
m
)
d
a
o
l
o
n
(
n
o
it
p
m
u
s
n
o
c
r
e
w
o
P
0
7W
m
n
o
it
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
ff
O
n
a
p
S
5
0
.
0
3
0
.
0
V
/
O
S
F
%


Similar Part No. - 144SU150D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SU15A-PCB SENSORTECHNICS-144SU15A-PCB Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SU15A-PCB SENSORTECHNICS-144SU15A-PCB Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SU15D-PCB SENSORTECHNICS-144SU15D-PCB Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SU15D-PCB SENSORTECHNICS-144SU15D-PCB Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
More results

Similar Description - 144SU150D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com