Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEC75-48S3P3 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # HEC75-48S3P3
Description  Single/Dual output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HEC75-48S3P3 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  HEC75-48S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD HEC75-48S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD HEC75-48S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD HEC75-48S3P3 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Line
Regulation
Load
Regulation
No
load
(3)
Full
load
(2)
Eff
(4)
(%)
HEC75-48S1P8
36 – 75 VDC
1.8 VDC
0mA
20 A
4 mV
6 mV
120mA
0.926 A
85
HEC75-48S2P5
36 – 75 VDC
2.5 VDC
0mA
20 A
5 mV
8 mV
90mA
1.255 A
87
HEC75-48S3P3
36 – 75 VDC
3.3 VDC
0mA
20 A
7 mV
10 mV
120mA
1.618 A
90
HEC75-48S05
36 – 75 VDC
5.0 VDC
0mA
15 A
10 mV
15 mV
130mA
1.838 A
90
HEC75-48S15
36 – 75 VDC
15 VDC
0mA
5 A
30 mV
45 mV
160mA
1.860 A
90
Output Voltage
Output Current
Model Number Input Range
V1
V2
I 1
I 2
Line
Regulation
Load
Regulation
Eff
(4)
(%)
HEC75-48D3305
36 – 75 VDC
5 VDC
3.3 VDC
15 A
15 A
10/7 mV
15/10 mV
88
HEC75-48D3325
36 – 75 VDC
3.3 VDC
2.5 VDC
15 A
15 A
7/5 mV
10/8 mV
81
HEC75-48D0518
36 – 75 VDC
5 VDC
1.8 VDC
15 A
15 A
10/4 mV
15/6 mV
85
HEC75-48D3318
36 – 75 VDC
3.3 VDC
1.8 VDC
15 A
15 A
7/4 mV
10/6 mV
81
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at Tc=40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Single:Typical value at nominal input voltage and full load.
Dual:Typical value at nominal input voltage and both outputs current are 7.5A.
5. Maximum output deviation is 10% inclusive of remote sense. If remote sense is not being used, the + sense should be connected to its corresponding
+OUTPUT and likewise the -sense should be connected to its corresponding –OUTPUT.
6. Measured with a 1μF M/C and a 10μF M/C(for dual outputs) or 1μF M/C and a 10μF T/C(for single outputs)
7. Dual output safety approvals pending.
8. The negative / positive logic and pin length are optional. The pin voltage is referenced to -Vin.
Single:Please see single output product options table.
Dual:Please see dual output product options table.
9. Heat sink is optional and P/N: 7G-0021A-F, 7G-0022A-F, 7G-0023A-F, 7G-0024A-F.
10. The HEC75 meets EN55022 class A and class B only with external components connected with the input pins of the converter.
11. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
12. BASEPLATE GROUNDING:Base-plate should be grounded at one of the four screw bolts prior to operation.
13. The converter is provided by basic insulation.


Similar Part No. - HEC75-48S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HEC75-48S3P3 P-DUKE-HEC75-48S3P3 Datasheet
1Mb / 3P
   75 WATTS DC-DC CONVERTER
More results

Similar Description - HEC75-48S3P3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISF0305A XPPOWER-ISF0305A Datasheet
108Kb / 1P
   Single & Dual Output
IG0505SA XPPOWER-IG0505SA Datasheet
71Kb / 1P
   Single & Dual Output
SF_IR XPPOWER-SF_IR Datasheet
72Kb / 1P
   Single & Dual Output
ID0505SA XPPOWER-ID0505SA Datasheet
204Kb / 1P
   Single & Dual Output
SF_IP XPPOWER-SF_IP Datasheet
252Kb / 1P
   Regulated Single & Dual Output
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com