Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9-0001-B01 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # AD9-0001-B01
Description  Ultrasonic air bubble and air-in-line sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD9-0001-B01 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  AD9-0001-B01 Datasheet HTML 1Page - Sensortechnics GmbH AD9-0001-B01 Datasheet HTML 2Page - Sensortechnics GmbH AD9-0001-B01 Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AD8 / AD9 Series
Ultrasonic air bubble and air-in-line sensors
August 2007 / 301
1/3
www.sensortechnics.com
FEATURES
· Non-invasive pulse-type ultrasonic
technology
· Compact design features integral
programmable micro-controller
· High accuracy and reliability
· Dry coupled, no coupling gel required
· Output signal not affected by fluid or
tubing colour
· High EMI and RFI noise immunity
SPECIFICATIONS
Maximum ratings
Supply voltage (V
S)5 VDC (± 10%)
Supply current
without LED
15 mA
with LED
24 mA
Temperature limits
Storage
-20 ... 85 °C
Operating
5 ... 60 °C
Humidity limits
0 - 95 %RH
(non-condensing)
ELECTRICAL CONNECTION
Note: Self-Test provides an electronic check for
false wet output signals.
Connect to Ground for normal operation.
RED
BLACK
GREEN
ORANGE
Input DC Voltage
Ground
Self-Test
CMOS Logic Output
Sensor


Similar Part No. - AD9-0001-B01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD90 ETC2-AD90 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000JD AD-AD9000JD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SD AD-AD9000SD Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
AD9000SE AD-AD9000SE Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
More results

Similar Description - AD9-0001-B01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC40-18D ETC-TC40-18D Datasheet
30Kb / 1P
   AIR ULTRASONIC SENSOR
400SR100 ETC2-400SR100 Datasheet
89Kb / 2P
   Air Ultrasonic Ceramic Transducers
400ST160 ETC-400ST160 Datasheet
96Kb / 2P
   Air Ultrasonic Ceramic Transducers
logo
Pro-Wave Electronic Cor...
250ST160 PRO-WAVE-250ST160 Datasheet
417Kb / 2P
   Air Ultrasonic Ceramic Transducers
logo
List of Unclassifed Man...
400ST-R120 ETC2-400ST-R120 Datasheet
72Kb / 2P
   Air Ultrasonic Ceramic Transducers
400ST100 ETC2-400ST100 Datasheet
89Kb / 2P
   Air Ultrasonic Ceramic Transducers
500MB120 ETC2-500MB120 Datasheet
121Kb / 1P
   Air Ultrasonic Ceramic Transducers
logo
Festo Corporation.
531717 FESTO-531717 Datasheet
75Kb / 1P
   Air line lubricator
3/25/22
531712 FESTO-531712 Datasheet
76Kb / 1P
   Air line lubricator
3/25/22
531703 FESTO-531703 Datasheet
75Kb / 1P
   Air line lubricator
3/23/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com