Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40PC015V1A Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # 40PC015V1A
Description  Fully signal conditioned pressure transducer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

40PC015V1A Datasheet(HTML) 2 Page - Sensortechnics GmbH

  40PC015V1A Datasheet HTML 1Page - Sensortechnics GmbH 40PC015V1A Datasheet HTML 2Page - Sensortechnics GmbH 40PC015V1A Datasheet HTML 3Page - Sensortechnics GmbH 40PC015V1A Datasheet HTML 4Page - Sensortechnics GmbH 40PC015V1A Datasheet HTML 5Page - Sensortechnics GmbH 40PC015V1A Datasheet HTML 6Page - Sensortechnics GmbH 40PC015V1A Datasheet HTML 7Page - Sensortechnics GmbH 40PC015V1A Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
40PC Series
Fully signal conditioned pressure transducer
2/8
November 2007 / 573
www.sensortechnics.com
PRESSURE RANGE SPECIFICATIONS
(unless otherwise noted, V
S = 5.00 V, RL > 100 kΩ, tamb = 25°C)
r
e
b
m
u
n
t
r
a
Pe
g
n
a
r
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
1
)
.
p
y
t
(
y
t
i
v
i
t
i
s
n
e
S
A
2
B
1
0
0
C
P
0
4g
H
m
m
0
5
±
.
.
.
0g
H
m
m
0
7
1g
H
m
m
/
V
m
0
.
0
4
A
2
G
6
0
0
C
P
0
4g
H
m
m
0
0
3
.
.
.
0g
H
m
m
0
5
6g
H
m
m
/
V
m
3
3
.
3
1
A
2
G
5
1
0
C
P
0
4g
i
s
p
5
1
.
.
.
0i
s
p
5
4i
s
p
/
V
m
7
.
6
6
2
A
2
V
5
1
0
C
P
0
4g
i
s
p
5
1
-
.
.
.
0i
s
p
0
3i
s
p
/
V
m
7
.
6
6
2
-
A
2
G
0
3
0
C
P
0
4g
i
s
p
0
3
.
.
.
0i
s
p
0
6i
s
p
/
V
m
3
.
3
3
1
A
2
G
0
0
1
C
P
0
4g
i
s
p
0
0
1
.
.
.
0i
s
p
0
0
2i
s
p
/
V
m
0
.
0
4
A
2
G
0
5
1
C
P
0
4g
i
s
p
0
5
1
.
.
.
0i
s
p
0
0
3i
s
p
/
V
m
7
.
5
2
A
2
G
0
5
2
C
P
0
4g
i
s
p
0
5
2
.
.
.
0i
s
p
0
0
5i
s
p
/
V
m
0
.
6
1
A
2
G
0
0
5
C
P
0
4g
i
s
p
0
0
5
.
.
.
0i
s
p
0
0
0
1i
s
p
/
V
m
0
.
8
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
Non-linearity - the maximum deviation of measured output at constant temperature, from "Best Straight Line" through
three points (offset pressure, full scale pressure and 1/2 full scale pressure).
Thermal effects tested and guaranteed in the specified temperature ranges relative to 25°C. All specifications shown
are relative to 25°C.
Span is the algebraic difference between lowest and highest specified pressure.
Total accuracy is the maximum deviation from the 25°C reference transfer function at any pressure or temperature over
the specified ranges. This calculation includes null, span, linearity, hysteresis, repeatability, null shift and span shift.
Response time for 0 to full-scale pressure step change, readings taken at 10 % and 90 % of full-scale pressure.
Specification notes:
1.
2.
3.
4.
5.
6.


Similar Part No. - 40PC015V1A

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
40P-JMDSS-G-1-TF JST-40P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
logo
Guangdong Kexin Industr...
40P03 KEXIN-40P03 Datasheet
434Kb / 4P
   P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
40P03 VBSEMI-40P03 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20 VBSEMI-40P03-20 Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20D VBSEMI-40P03-20D Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - 40PC015V1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCXPM005D6V ETC1-HCXPM005D6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
logo
Sensortechnics GmbH
HCXPM005D6V SENSORTECHNICS-HCXPM005D6V Datasheet
77Kb / 4P
   Fully signal conditioned pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB_16 Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB Datasheet
130Kb / 6P
   Fully signal conditioned low pressure transducer
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
logo
List of Unclassifed Man...
5882-006-D-B ETC2-5882-006-D-B Datasheet
396Kb / 6P
   SIGNAL-CONDITIONED PRESSURE SENSOR
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
RBAP015AU SENSORTECHNICS-RBAP015AU Datasheet
103Kb / 6P
   Signal conditioned pressure sensors
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com