Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAE75-24S28W Datasheet(PDF) 5 Page - Power Mate Technology Co., LTD

Part # HAE75-24S28W
Description  OUTPUT CURRENT UP TO 20A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE75-24S28W Datasheet(HTML) 5 Page - Power Mate Technology Co., LTD

  HAE75-24S28W Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 4Page - Power Mate Technology Co., LTD HAE75-24S28W Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Page 5 of 5 Issued Date:2009/01/13
Terminal Block Type
Note:Terminal Block without EMC Filter (Suffix-T) and Terminal Block with EMC Filter (Suffix-TF)
The terminal block type of HAE75W can meet the EMC characteristics with an EMC filter. Followings are the mechanical drawings for
reference. Pin assignments are same as standard type.
1) Terminal Block without EMC Filter (Suffix-T)
2) Terminal Block with EMC Filter (Suffix-TF)
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the
method shown below.
7
8
TRIM UP
6
7
TRIM DOWN
RU
RD
TERMINAL CONNECTION
Terminal
Define
wire range
1
- INPUT
14 AWG to 16 AWG
2
CASE
14 AWG to 18 AWG
3
CTRL
14 AWG to 18 AWG
4
+ INPUT
14 AWG to 16 AWG
5
- OUTPUT
10 AWG to 12 AWG
6
- SENSE
14 AWG to 18 AWG
7
TRIM
14 AWG to 18 AWG
8
+ SENSE
14 AWG to 18 AWG
9
+ OUTPUT
10 AWG to 12 AWG
All dimensions : inches (mm)
Tolerance : x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)


Similar Part No. - HAE75-24S28W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE75-24S28W P-DUKE-HAE75-24S28W Datasheet
688Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE75-24S28W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Lineage Power Corporati...
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
NSR020A0X43Z LINEAGEPOWER-NSR020A0X43Z Datasheet
518Kb / 19P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 20A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
ATM020A0X3-SR LINEAGEPOWER-ATM020A0X3-SR Datasheet
766Kb / 21P
   2.4 - 3.63Vdc input; 0.75Vdc to 2.0Vdc Output; 20A output current
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com