Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC40-48T3312 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FEC40-48T3312
Description  40 WATTS MAXIMUM OUTPUT POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FEC40-48T3312 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FEC40-48T3312 Datasheet HTML 1Page - Power Mate Technology Co., LTD FEC40-48T3312 Datasheet HTML 2Page - Power Mate Technology Co., LTD FEC40-48T3312 Datasheet HTML 3Page - Power Mate Technology Co., LTD FEC40-48T3312 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4 Issued Date:2008/06/12
Note
1.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The output requires minimum loading on the output to maintain specified regulation. Operation in no-load condition will not damage these devices, however
they may not meet all listed specification.
7.
For the single output: Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is not being used, the +sense should be
connected to its corresponding +OUTPUT and likewise the -sense should be connected to its corresponding –OUTPUT.
8.
Load regulation for triple output:
Main output(V1):10 to 100% with 10% to 100% balanced on auxiliaries.
Auxiliary outputs(V2 and V3):10% to 100% balanced on all outputs.
9.
Cross regulation for dual output: asymmetrical load 25% / 100% FL.
Cross regulation for triple output:
Main output 100% load, auxiliary 100%,other auxiliary25% to 100%.
Auxiliary outputs(V2 and V3):main output 100% load, auxiliary 100%, other auxiliary 25% to 100% or main output 25%,auxiliary 25%,other auxiliary 25% to
100%.
10. The models of FEC40-XXD3305 are specified with a 1uF ceramic output capacitors.
11. Switching frequency for dual output: master (5Vo) 300KHz slave (3.3Vo) 500KHz
12. The ON/OFF control pin voltage is referenced to -Vin.
13. Heat sink is optional and P/N:7G-0026C-F.
14. The FEC40 series can meet EN55022 Class A with parallel an external capacitor to the input pins.
Recommend: 12Vin : 6.8μF/50V 1812 MLCC . ; 24Vin : 6.8μF/50V 1812 MLCC . 48Vin : 2.2μF/100V 1812 MLCC.
15. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
16. Any condition of dual output (3.3V/5V) rated Iout current, not to exceed 8A of total output currents. The product safety approval pending.
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
FEC40-12S1P5
9 – 18 VDC
1.5 VDC
0mA
8000mA
50mVp-p
110mA
1250mA
84
45000μF
FEC40-12S1P8
9 – 18 VDC
1.8 VDC
0mA
8000mA
50mVp-p
110mA
1538mA
82
37700μF
FEC40-12S2P5
9 – 18 VDC
2.5 VDC
0mA
8000mA
50mVp-p
110mA
2083mA
84
27000μF
FEC40-12S3P3
9 – 18 VDC
3.3 VDC
0mA
8000mA
50mVp-p
175mA
2683mA
86
21000μF
FEC40-12S05
9 – 18 VDC
5 VDC
0mA
8000mA
50mVp-p
225mA
4065mA
86
13600μF
FEC40-12S12
9 – 18 VDC
12 VDC
0mA
3333mA
75mVp-p
255mA
4065mA
86
2360μF
FEC40-12S15
9 – 18 VDC
15 VDC
0mA
2666mA
75mVp-p
310mA
4015mA
87
1510μF
FEC40-12D12
9 – 18 VDC
± 12 VDC
± 144mA
± 1800mA
120mVp-p
30mA
4444mA
85
± 1200μF
FEC40-12D15
9 – 18 VDC
± 15 VDC
± 112mA
± 1400mA
150mVp-p
35mA
4321mA
85
± 750μF
FEC40-12D3305 9 – 18 VDC
3.3 / 5 VDC
0mA
4A / 4A (total 8A)
(16)
100mVp-p
325mA
3416mA
85
11000 / 6800μF
FEC40-12T3312 9 – 18 VDC 3.3 / ±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
215mA
3063mA
84
13000 / ±330μF
FEC40-12T3315 9 – 18 VDC 3.3 / ±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
230mA
3000mA
84
13000 / ±110μF
FEC40-12T0512 9 – 18 VDC
5 / ±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
280mA
4024mA
86
6800 / ±330μF
FEC40-12T0515 9 – 18 VDC
5 / ±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
255mA
3963mA
86
6800 / ±110μF
FEC40-24S1P5 18 – 36 VDC
1.5 VDC
0mA
8000mA
50mVp-p
40mA
649mA
81
45000μF
FEC40-24S1P8 18 – 36 VDC
1.8 VDC
0mA
8000mA
50mVp-p
40mA
759mA
83
37700μF
FEC40-24S2P5 18 – 36 VDC
2.5 VDC
0mA
8000mA
50mVp-p
40mA
1016mA
86
27000μF
FEC40-24S3P3 18 – 36 VDC
3.3 VDC
0mA
8000mA
50mVp-p
60mA
1325mA
87
21000μF
FEC40-24S05
18 – 36 VDC
5 VDC
0mA
8000mA
50mVp-p
80mA
1961mA
89
13600μF
FEC40-24S12
18 – 36 VDC
12 VDC
0mA
3333mA
75mVp-p
70mA
2048mA
88
2360μF
FEC40-24S15
18 – 36 VDC
15 VDC
0mA
2666mA
75mVp-p
85mA
1985mA
89
1510μF
FEC40-24D12
18 – 36 VDC
± 12 VDC
± 144mA
± 1800mA
120mVp-p
20mA
2169mA
87
± 1200μF
FEC40-24D15
18 – 36 VDC
± 15 VDC
± 112mA
± 1400mA
150mVp-p
20mA
2108mA
87
± 750μF
FEC40-24D3305 18 – 36 VDC
3.3 / 5 VDC
0mA
4A / 4A (total 8A)
(16)
100mVp-p
80mA
1689mA
86
11000 / 6800μF
FEC40-24T3312 18 – 36 VDC 3.3 / ±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
65mA
1512mA
85
13000 / ±330μF
FEC40-24T3315 18 – 36 VDC 3.3 / ±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
65mA
1481mA
85
13000 / ±110μF
FEC40-24T0512 18 – 36 VDC 5 / ±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
60mA
1989mA
87
6800 / ±330μF
FEC40-24T0515 18 – 36 VDC 5 / ±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
75mA
1958mA
87
6800 / ±110μF
FEC40-48S1P5 36 – 75 VDC
1.5 VDC
0mA
8000mA
50mVp-p
25mA
321mA
82
45000μF
FEC40-48S1P8 36 – 75 VDC
1.8 VDC
0mA
8000mA
50mVp-p
25mA
375mA
84
37700μF
FEC40-48S2P5 36 – 75 VDC
2.5 VDC
0mA
8000mA
50mVp-p
25mA
508mA
86
27000μF
FEC40-48S3P3 36 – 75 VDC
3.3 VDC
0mA
8000mA
50mVp-p
35mA
655mA
88
21000μF
FEC40-48S05
36 – 75 VDC
5 VDC
0mA
8000mA
50mVp-p
40mA
969mA
90
13600μF
FEC40-48S12
36 – 75 VDC
12 VDC
0mA
3333mA
75mVp-p
50mA
1000mA
89
2360μF
FEC40-48S15
36 – 75 VDC
15 VDC
0mA
2666mA
75mVp-p
50mA
992mA
89
1510μF
FEC40-48D12
36 – 75 VDC
± 12 VDC
± 144mA
± 1800mA
120mVp-p
15mA
1084mA
87
± 1200μF
FEC40-48D15
36 – 75 VDC
± 15 VDC
± 112mA
± 1400mA
150mVp-p
15mA
1054mA
87
± 750μF
FEC40-48D3305 36 – 75 VDC
3.3 / 5 VDC
0mA
4A / 4A (total 8A)
(16)
100mVp-p
45mA
823mA
88
11000 / 6800μF
FEC40-48T3312 36 – 75 VDC 3.3 / ±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
35mA
747mA
86
13000 / ±330μF
FEC40-48T3315 36 – 75 VDC 3.3 / ±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
35mA
732mA
86
13000 / ±110μF
FEC40-48T0512 36 – 75 VDC 5 / ±12 VDC 600mA / ±40mA 6000mA / ±400mA
50 / 75mVp-p
30mA
982mA
88
6800 / ±330μF
FEC40-48T0515 36 – 75 VDC 5 / ±15 VDC 600mA / ±30mA 6000mA / ±300mA
50 / 75mVp-p
40mA
967mA
88
6800 / ±110μF


Similar Part No. - FEC40-48T3312

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FEC40-48T3312 ASTRODYNE-FEC40-48T3312 Datasheet
633Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FEC40-48T3312 VOLGEN-FEC40-48T3312 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Power Mate Technology C...
FEC40-48T3312 P-DUKE-FEC40-48T3312 Datasheet
350Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FEC40-48T3312 ASTRODYNE-FEC40-48T3312 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Similar Description - FEC40-48T3312

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC40-24S3P3W P-DUKE-FEC40-24S3P3W Datasheet
272Kb / 3P
   40 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com