Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

161PC01D-PCB Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # 161PC01D-PCB
Description  Fully signal conditioned low pressure transducer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

161PC01D-PCB Datasheet(HTML) 6 Page - Sensortechnics GmbH

  161PC01D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 161PC01D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
160PC...-PCB Series
Fully signal conditioned low pressure transducer
6/6
June 2006 / 567
www.sensortechnics.com
OUTLINE DRAWING
ORDERING INFORMATION
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
mass: 20 g
dimensions in mm
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Or
e
b
m
u
n
t
r
a
P
d
i
s
p
1
-
o
t
0B
C
P
-
D
1
0
C
P
1
6
1
d
i
s
p
1
+
o
t
0B
C
P
-
D
1
0
C
P
2
6
1
H
"
5
+
o
t
5
-
2OB
C
P
-
6
3
D
1
0
C
P
3
6
1
H
"
0
1
+
o
t
0
2OB
C
P
-
7
3
D
1
0
C
P
4
6
1
H
"
5
.
2
+
o
t
5
.
2
-
2OB
C
P
-
5
7
D
1
0
C
P
3
6
1
H
"
5
+
o
t
0
2OB
C
P
-
6
7
D
1
0
C
P
4
6
1
H
m
c
0
2
1
+
o
t
0
2
-
2OB
C
P
-
8
4
D
1
0
C
P
3
6
1
n
i
pn
o
i
t
c
e
n
n
o
c
1s
V
+
2s
V
-
3t
u
o
V
3
1
2
12.6
31.5
4.8
diam.
3.2 diam.
2 x mounting holes
3,4
30.0
port A
(high pressure)
3 terminals
0.56 diam.
NOM 6.0
14.0
Custom calibrations available


Similar Part No. - 161PC01D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB_16 Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
More results

Similar Description - 161PC01D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB_16 Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
logo
List of Unclassifed Man...
HCXPM005D6V ETC1-HCXPM005D6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
logo
Sensortechnics GmbH
HCXPM005D6V SENSORTECHNICS-HCXPM005D6V Datasheet
77Kb / 4P
   Fully signal conditioned pressure transducer
40PC001B1A SENSORTECHNICS-40PC001B1A Datasheet
192Kb / 8P
   Fully signal conditioned pressure transducer
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
logo
List of Unclassifed Man...
5882-006-D-B ETC2-5882-006-D-B Datasheet
396Kb / 6P
   SIGNAL-CONDITIONED PRESSURE SENSOR
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
RBAP015AU SENSORTECHNICS-RBAP015AU Datasheet
103Kb / 6P
   Signal conditioned pressure sensors
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com