Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142SC01D-PCB Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # 142SC01D-PCB
Description  Signal conditioned precision pressure transducers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

142SC01D-PCB Datasheet(HTML) 6 Page - Sensortechnics GmbH

  142SC01D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 142SC01D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 142SC01D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 142SC01D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 142SC01D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 142SC01D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
140SC...-PCB / 420SC...-PCB Series
Signal conditioned precision pressure transducers
6/6
March 2006 / 002
www.sensortechnics.com
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
r
e
b
m
u
n
t
r
a
P
t
u
p
t
u
o
V
6
.
.
.
1t
u
p
t
u
o
A
m
0
2
.
.
.
4
s
e
c
i
v
e
d
e
g
a
g
m
u
u
c
a
V
g
i
s
p
1
-
o
t
0B
C
P
-
G
1
0
C
S
1
4
1-
-
-
g
i
s
p
5
-
o
t
0B
C
P
-
G
5
0
C
S
1
4
1-
-
-
g
i
s
p
5
1
-
o
t
0B
C
P
-
G
5
1
C
S
1
4
1-
-
-
g
i
s
p
0
3
-
o
t
0B
C
P
-
G
0
3
C
S
1
4
1-
-
-
g
i
s
p
0
0
1
-
o
t
0B
C
P
-
G
0
0
1
C
S
1
4
1-
-
-
s
e
c
i
v
e
d
e
g
a
g
/
l
a
i
t
n
e
r
e
f
f
i
D
)
g
(
d
i
s
p
1
o
t
0B
C
P
-
D
1
0
C
S
2
4
1B
C
P
-
D
1
0
C
S
0
2
4
)
g
(
d
i
s
p
5
o
t
0B
C
P
-
D
5
0
C
S
2
4
1B
C
P
-
D
5
0
C
S
0
2
4
)
g
(
d
i
s
p
5
1
o
t
0B
C
P
-
D
5
1
C
S
2
4
1B
C
P
-
D
5
1
C
S
0
2
4
)
g
(
d
i
s
p
0
3
o
t
0B
C
P
-
D
0
3
C
S
2
4
1B
C
P
-
D
0
3
C
S
0
2
4
)
g
(
d
i
s
p
0
0
1
o
t
0B
C
P
-
D
0
0
1
C
S
2
4
1B
C
P
-
D
0
0
1
C
S
0
2
4
)
g
(
d
i
s
p
0
5
1
o
t
0B
C
P
-
D
0
5
1
C
S
2
4
1B
C
P
-
D
0
5
1
C
S
0
2
4
s
e
c
i
v
e
d
e
t
u
l
o
s
b
A
a
i
s
p
5
1
o
t
0B
C
P
-
A
5
1
C
S
2
4
1B
C
P
-
A
5
1
C
S
0
2
4
a
i
s
p
0
3
o
t
0B
C
P
-
A
0
3
C
S
2
4
1B
C
P
-
A
0
3
C
S
0
2
4
a
i
s
p
0
0
1
o
t
0B
C
P
-
A
0
0
1
C
S
2
4
1B
C
P
-
A
0
0
1
C
S
0
2
4
s
e
c
i
v
e
d
m
u
u
c
a
v
/
e
r
u
s
s
e
r
P
)
g
(
d
i
s
p
1
±
o
t
0B
C
P
-
D
1
0
C
S
3
4
1B
C
P
-
D
1
0
C
S
3
2
4
)
g
(
d
i
s
p
5
.
2
±
o
t
0B
C
P
-
D
3
0
C
S
3
4
1B
C
P
-
D
3
0
C
S
3
2
4
)
g
(
d
i
s
p
5
±
o
t
0B
C
P
-
D
5
0
C
S
3
4
1B
C
P
-
D
5
0
C
S
3
2
4
)
g
(
d
i
s
p
5
1
±
o
t
0B
C
P
-
D
5
1
C
S
3
4
1B
C
P
-
D
5
1
C
S
3
2
4
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
Custom calibrations available


Similar Part No. - 142SC01D-PCB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
142S00103XXXX VISHAY-142S00103XXXX Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
142S0010KBO10 VISHAY-142S0010KBO10 Datasheet
210Kb / 3P
   1/2 (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision Potentiometer
Revision: 28-Jun-07
142S00222XXXX VISHAY-142S00222XXXX Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
142S00470XXXX VISHAY-142S00470XXXX Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
142S00XXXX VISHAY-142S00XXXX Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
More results

Similar Description - 142SC01D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com