Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40PC150B1A Datasheet(PDF) 7 Page - Sensortechnics GmbH

Part # 40PC150B1A
Description  Fully signal conditioned pressure transducer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

40PC150B1A Datasheet(HTML) 7 Page - Sensortechnics GmbH

  40PC150B1A Datasheet HTML 1Page - Sensortechnics GmbH 40PC150B1A Datasheet HTML 2Page - Sensortechnics GmbH 40PC150B1A Datasheet HTML 3Page - Sensortechnics GmbH 40PC150B1A Datasheet HTML 4Page - Sensortechnics GmbH 40PC150B1A Datasheet HTML 5Page - Sensortechnics GmbH 40PC150B1A Datasheet HTML 6Page - Sensortechnics GmbH 40PC150B1A Datasheet HTML 7Page - Sensortechnics GmbH 40PC150B1A Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
40PC Series
Fully signal conditioned pressure transducer
7/8
November 2007 / 573
www.sensortechnics.com
40PC500G2A
PERFORMANCE CHARACTERISTICS
(unless otherwise noted, V
S = 5.00 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
00
0
5g
i
s
p
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
6
4
.
00
5
.
04
5
.
0
V
n
a
p
S
4
1
9
.
30
.
49
0
.
4
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
5
.
4
s
t
c
e
f
f
e
l
a
m
r
e
h
T
3
t
e
s
f
f
OC
°
3
6
+
o
t
8
1
-0
.
1
±
S
S
F
%
C
°
5
8
+
o
t
5
4
-5
.
1
±
C
°
5
2
1
+
o
t
5
4
-5
.
2
±
n
a
p
SC
°
3
6
+
o
t
8
1
-5
7
.
0
±
C
°
5
8
+
o
t
5
4
-0
.
1
±
C
°
5
2
1
+
o
t
5
4
-5
.
1
±
n
a
p
s
d
n
a
t
e
s
f
f
o
d
e
n
i
b
m
o
CC
°
3
6
+
o
t
8
1
-0
.
1
±
C
°
5
8
+
o
t
5
4
-5
7
.
1
±
C
°
5
2
1
+
o
t
5
4
-0
.
3
±
y
c
a
r
u
c
c
a
l
a
t
o
T
5
C
°
5
2
1
+
o
t
5
4
-0
.
3
±
)
L
S
B
(
y
t
i
r
a
e
n
il
-
n
o
N
2
2
.
0
±
y
t
il
i
b
a
t
a
e
p
e
r
d
n
a
s
i
s
e
r
e
t
s
y
H
5
1
.
0
±
V
(
r
o
r
r
e
y
t
i
c
i
r
t
e
m
o
i
t
a
R
S
)
V
5
2
.
5
.
.
.
5
7
.
4
=5
2
.
0
±
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
0
.
0
1A
m
e
m
i
t
e
s
n
o
p
s
e
R
6
1s
m
OUTLINE DRAWING
mass: 4 g
dimensions in mm (inches)


Similar Part No. - 40PC150B1A

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
40P-JMDSS-G-1-TF JST-40P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
logo
Guangdong Kexin Industr...
40P03 KEXIN-40P03 Datasheet
434Kb / 4P
   P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
40P03 VBSEMI-40P03 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20 VBSEMI-40P03-20 Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20D VBSEMI-40P03-20D Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - 40PC150B1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCXPM005D6V ETC1-HCXPM005D6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
logo
Sensortechnics GmbH
HCXPM005D6V SENSORTECHNICS-HCXPM005D6V Datasheet
77Kb / 4P
   Fully signal conditioned pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB_16 Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB Datasheet
130Kb / 6P
   Fully signal conditioned low pressure transducer
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
logo
List of Unclassifed Man...
5882-006-D-B ETC2-5882-006-D-B Datasheet
396Kb / 6P
   SIGNAL-CONDITIONED PRESSURE SENSOR
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
RBAP015AU SENSORTECHNICS-RBAP015AU Datasheet
103Kb / 6P
   Signal conditioned pressure sensors
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com