Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26PC2000D6A10 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 26PC2000D6A10
Description  Temp. compensated and calibrated pressure sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

26PC2000D6A10 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  26PC2000D6A10 Datasheet HTML 1Page - Sensortechnics GmbH 26PC2000D6A10 Datasheet HTML 2Page - Sensortechnics GmbH 26PC2000D6A10 Datasheet HTML 3Page - Sensortechnics GmbH 26PC2000D6A10 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
26PC Series (psi)
Temp. compensated and calibrated pressure sensors
1/4
January 2004 / 597
www.sensortechnics.com
FEATURES
· 0...1 to 0...250 psi
gage or differential
· High impedance bridge
· Miniature package
· Different pinning configurations
· Usable for wet/wet applications8
SPECIFICATIONS
Maximum ratings
Supply voltage
Temperature limits
Storage
Operating
Lead temperature (10 sec. soldering)
Humidity limits
Vibration (MIL-STD-202,
Meth. 213)
Mechanical shock (qualification tested)
Proof pressure1
all 1 and 5 psi devices
all 15 psi devices
all 30 psi devices
all 100 psi devices
all 250 psi devices
16 V
-55 to +100°C
-40 to +85°C
300°C
0...100 %RH
150 g half sine 11 msec.
150 g
20 psi
45 psi
60 psi
200 psi
500 psi
ELECTRICAL CONNECTION
SERVICE
All media compatible with
port 1:
- polyetherimide
- silver-filled silicone
- silicon nitride
port 29:
- polyetherimide
- fluor-silicone
- silicon
Scale:
1 cm
1 inch
Output
+
2
3
Vs
-
1
4


Similar Part No. - 26PC2000D6A10

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC0035D2BE SENSORTECHNICS-26PC0035D2BE Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
26PC0035D2BN SENSORTECHNICS-26PC0035D2BN Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
26PC0035D2BS SENSORTECHNICS-26PC0035D2BS Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
26PC0035D2CE SENSORTECHNICS-26PC0035D2CE Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
26PC0035D2CN SENSORTECHNICS-26PC0035D2CN Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
More results

Similar Description - 26PC2000D6A10

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC0050D2 SENSORTECHNICS-26PC0050D2 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0050DSMT SENSORTECHNICS-26PC0050DSMT Datasheet
181Kb / 4P
   Temp. compensated and calibrated pressure sensors
RQOM050D SENSORTECHNICS-RQOM050D Datasheet
157Kb / 4P
   Temp. compensated and calibrated pressure sensors
RPOM050G6A SENSORTECHNICS-RPOM050G6A Datasheet
219Kb / 5P
   Compensated and calibrated pressure sensors
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
   Compensated and Calibrated low Pressure Sensor
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
   COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
logo
Silicon Microstructures...
SM5652 SMI-SM5652 Datasheet
1Mb / 5P
   Compensated and Calibrated Low Pressure Sensor
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com