Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

112LP25D-PCB Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 112LP25D-PCB
Description  Signal conditioned precision pressure transducers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

112LP25D-PCB Datasheet(HTML) 3 Page - Sensortechnics GmbH

  112LP25D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 112LP25D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 112LP25D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 112LP25D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 112LP25D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 112LP25D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
110L...-PCB / 430L...-PCB Series
Signal conditioned precision pressure transducers
3/6
January 2007 / 006
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
4...20 mA output version (unless otherwise noted V
S = 15 V, RL = 100 Ω, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
M
f
o
o
r
P
e
r
u
s
s
e
r
p
2
e
d
o
m
n
o
m
m
o
C
e
r
u
s
s
e
r
p
t
i
n
U
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
3
l
a
i
t
n
e
r
e
f
f
i
d
s
e
c
i
v
e
d
B
C
P
-
D
1
0
P
L
2
3
4
B
C
P
-
D
2
0
P
L
2
3
4
B
C
P
-
D
5
0
P
L
2
3
4
B
C
P
-
D
0
1
P
L
2
3
4
B
C
P
-
D
5
2
P
L
2
3
4
B
C
P
-
D
0
5
P
L
2
3
4
0
0
0
0
0
0
1
2
5
0
1
5
2
0
5
0
0
2
0
0
2
0
0
2
0
0
2
0
0
3
0
0
3
0
0
3
0
0
3
0
0
3
0
0
3
0
0
6
0
0
6
r
a
b
m
/
e
r
u
s
s
e
r
p
m
u
u
c
a
v
s
e
c
i
v
e
d
3
B
C
P
-
D
1
0
P
L
3
3
4
B
C
P
-
D
2
0
P
L
3
3
4
B
C
P
-
D
5
0
P
L
3
3
4
B
C
P
-
D
0
1
P
L
3
3
4
B
C
P
-
D
5
2
P
L
3
3
4
B
C
P
-
D
0
5
P
L
3
3
4
1
-
2
-
5
-
0
1
-
5
2
-
0
5
-
1
2
5
0
1
5
2
0
5
0
0
2
0
0
2
0
0
2
0
0
2
0
0
3
0
0
3
0
0
3
0
0
3
0
0
3
0
0
3
0
0
6
0
0
6
l
a
i
t
n
e
r
e
f
f
i
d
s
e
c
i
v
e
d
B
C
P
-
D
1
0
U
L
2
3
4
B
C
P
-
D
2
0
U
L
2
3
4
B
C
P
-
D
5
0
U
L
2
3
4
B
C
P
-
D
0
1
U
L
2
3
4
B
C
P
-
D
0
2
U
L
2
3
4
B
C
P
-
D
0
3
U
L
2
3
4
0
0
0
0
0
1
2
5
0
1
0
2
0
3
0
8
0
2
1
0
2
1
0
4
2
0
4
2
0
4
2
0
6
1
0
4
2
0
4
2
0
6
3
0
6
3
0
6
3
H
"
2O
/
e
r
u
s
s
e
r
p
m
u
u
c
a
v
s
e
c
i
v
e
d
3
B
C
P
-
D
1
0
U
L
3
3
4
B
C
P
-
D
2
0
U
L
3
3
4
B
C
P
-
D
5
0
U
L
3
3
4
B
C
P
-
D
0
1
U
L
3
3
4
B
C
P
-
D
0
2
U
L
3
3
4
B
C
P
-
D
0
3
U
L
3
3
4
1
-
2
-
5
-
0
1
-
0
2
-
0
3
-
1
2
5
0
1
0
2
0
3
0
8
0
2
1
0
2
1
0
4
2
0
4
2
0
4
2
0
6
1
0
4
2
0
4
2
0
6
3
0
6
3
0
6
3
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
4
B
C
P
-
.
.
.
L
2
3
4
B
C
P
-
.
.
.
L
3
3
4
9
.
3
9
.
1
1
0
.
4
0
.
2
1
1
.
4
1
.
2
1
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
5
3
4B
C
P
-
.
.
.
L
2
3
4B
C
P
-
.
.
.
L
3
8
.
5
1
9
.
7
0
.
6
1
0
.
8
2
.
6
1
1
.
8
t
u
p
t
u
o
e
l
a
c
s
ll
u
F0
.
0
2
B
C
P
-
.
.
.
L
3
3
4
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
t
s
e
w
o
l
t
a
t
u
p
t
u
O0
.
4
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
5
o
t
0
(
6
t
e
s
f
f
O
B
C
P
-
D
1
0
P
L
.
.
.
3
4
B
C
P
-
D
2
0
P
L
.
.
.
3
4
B
C
P
-
D
1
0
U
L
.
.
.
3
4
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
8
0
.
0
±
4
0
.
0
±
4
0
.
0
±
2
0
.
0
±
0
2
.
0
±
0
1
.
0
±
0
1
.
0
±
5
0
.
0
±
C
°
/
O
S
F
%
n
a
p
SB
C
P
-
D
1
0
P
L
.
.
.
3
4
B
C
P
-
D
2
0
P
L
.
.
.
3
4
B
C
P
-
D
1
0
U
L
.
.
.
3
4
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
8
0
.
0
±
4
0
.
0
±
4
0
.
0
±
2
0
.
0
±
0
2
.
0
±
0
1
.
0
±
0
1
.
0
±
4
0
.
0
±
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
7
1
.
05
2
.
0
O
S
F
%
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
8
2
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R1
s
m
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
Ps
e
c
i
v
e
d
r
a
b
m
2
d
n
a
1
ll
a
H
"
1
ll
a
2
s
e
c
i
v
e
d
O
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
5
.
0
5
.
0
1
.
0
g
/
O
S
F
%
I
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
L
)
A
m
0
2
=2
.
4A
m
y
l
p
p
u
s
r
e
w
o
P
n
o
i
t
c
e
j
e
r
t
e
s
f
f
O
n
a
p
S
5
0
.
0
5
0
.
0
V
/
O
S
F
%


Similar Part No. - 112LP25D-PCB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
112 CTS-112 Datasheet
63Kb / 3P
   22x25mm Stratum 3 OCXO
logo
Honeywell Solid State E...
112 HONEYWELL-112 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
112 ARIES-112 Datasheet
782Kb / 2P
   Easy Identification and Tracing with 10-color Cable
logo
Alpha Wire
112 ALPHAWIRE-112 Datasheet
100Kb / 4P
   Customer Specification
8/26/2022
112 ALPHAWIRE-112 Datasheet
99Kb / 4P
   Customer Specification
11/30/2022
More results

Similar Description - 112LP25D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com